Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFF50048S285TY Datasheet(PDF) 4 Page - Emerson Network Power

Part # RFF50048S285TY
Description  DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

RFF50048S285TY Datasheet(HTML) 4 Page - Emerson Network Power

  RFF50048S285TY Datasheet HTML 1Page - Emerson Network Power RFF50048S285TY Datasheet HTML 2Page - Emerson Network Power RFF50048S285TY Datasheet HTML 3Page - Emerson Network Power RFF50048S285TY Datasheet HTML 4Page - Emerson Network Power RFF50048S285TY Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
500 W, 600 W and 700 W Full-Brick
4
NEW Product
File Name: rff500_600_700.pdf Rev: 17 Feb 2006
0
5
10
15
20
84
86
88
90
92
OUTPUT CURRENT (A)
Vin = 48 V
Figure 8 - Typical Efficiency vs. Output Current – RFF500-48S28Y
0
5
10
15
20
84
85
88
89
91
OUTPUT CURRENT (A)
Vin = 24 V
25
86
87
90
Figure 9 - Typical Efficiency vs. Output Current – RFF600-24S28Y
RFF500/600/700 Series
24 Vin and 48 Vin single output
0
5
10
15
20
85
86
88
90
92
OUTPUT CURRENT (A)
Vin = 48 V
25
87
88
91
Figure 10 - Typical Efficiency vs. Output Current – RFF700-48S28Y
Figure 11 - RFF600-24S28Y Transient Response
Load 10.70 A to 16.05 A
Figure 12 - RFF700-48S28Y Transient Response
Load 12.5 A to 18.75 A
0
5
10
15
20
83
85
87
89
91
OUTPUT CURRENT (A)
Vin = 24 V
Figure 7 - Typical Efficiency vs. Output Current – RFF500-24S28Y



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com