Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SIL15C Datasheet(PDF) 2 Page - Emerson Network Power

Part # SIL15C
Description  DC-DC CONVERTERS C Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL15C Datasheet(HTML) 2 Page - Emerson Network Power

  SIL15C Datasheet HTML 1Page - Emerson Network Power SIL15C Datasheet HTML 2Page - Emerson Network Power SIL15C Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SIL15C Series
5 Vin and 12 Vin single output
DC-DC CONVERTERS
C Class Non-isolated
2
NEW Product
N
No
otte
es
s
1
Measured as per recommended set-up. Cin = 270 µF (20 m
Ω esr max,
Cout = 680 µF (10 m
Ω esr max).
2
di/dt =
10 A/µs, Vin = Nom, Tc = 25 °C, load change = 0.50 lo max. to
0.75 lo max. and 0.75 lo max. to 0.50 lo max.
3
External input fusing is recommended.
4
Measured with external filter. See Application Note 131 for details.
5
Uses external resistor from trim pin to output ground. Min value = 485
Ω
for 5 V model, 280
Ω for 12 V model. See Application Note 131 for
details.
6
Signal line assumed <3 m in length
7
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
8
The standard unit with the suffix '-V' is for vertical mounting. To order a
unit with horizontal mounting, please add the suffix '-H' to the model
number, e.g. SIL15C-05SADJ-HJ.
9
Power-up is the time from application of dc input to Power Good
enabled. Remote ON/OFF is from ON/OFF asserted high to power good
enabled.
10 See Application Note 131 for operation above 50 ºC.
11 See Application Note 131 for ripple current requirements.
12 These models have a wide trim output. 5 Vin has an output of 0.9 Vdc to
3.3 Vdc and 12 Vin has an output of 0.9 Vdc to 5 Vdc. An external
resistor adjusts the output voltage.
13 To order a unit with a pin length of 0.150”, please add suffix ‘P4’ to the
model number, e.g. SIL15C-05SADJ-HP4J.
14 TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
15 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool
at http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
(12)
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(8,13,14,15)
(MAX.)
(MIN.)
(MAX.)
50 W
4.5-5.5 Vdc
N/A
0.9-3.3 Vdc
0 A
15 A
89%
±0.2%
±0.5%
SIL15C-05SADJ-VJ
75 W
10.2-13.8 Vdc
N/A
0.9-5.0 Vdc
0 A
15 A
91%
±0.2%
±0.5%
SIL15C-12SADJ-VJ
R
Riip
pp
plle
e a
an
nd
d N
No
oiis
se
e S
Sp
pe
ec
ciiffiic
ca
attiio
on
n
File Name: sil15c.pdf Rev (05): 13 Dec 2005
SIL15C-12SADJ-VJ
Part Number System with Options
Rated Output Current
15 = 15 Amps
Number of Outputs
SADJ = Single Adjustable Output
Product Family
SIL = Single in Line
Performance
C = Cost Optimised
Input Voltage
05 = 4.5 Vdc to 5.5 Vdc
12 = 10.2 Vdc to 13.8 Vdc
Mounting Option
V = Vertical Mount
H = Horizontal Mount
Packaging Options (15)
J = Pb-free (RoHS 6/6 compliant)
The ultra-wide output voltage trim range offers major advantages to users who
select the SIL15C series. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 0.9 Vdc to 5.0 Vdc. When the SIL15C series converter
leaves the factory the output has been adjusted to the default voltage of 0.9 V
O
Ou
uttp
pu
utt V
Vo
olltta
ag
ge
e A
Ad
djju
us
sttm
me
en
ntt o
off tth
he
e S
SIIL
L1
15
5C
C S
Se
erriie
es
s
Output
Model
Voltage
Pk - Pk
RMS
5 V input models
0.9-2.5 Vdc
30 mV
15 mV
3.3 Vdc
40 mV
15 mV
12 V input models
0.9-2.5 Vdc
50 mV
20 mV
3.3-5 Vdc
50 mV
20 mV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com