Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4257CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4257CS8
Description  IEEE 802.3af PD Power over Ethernet Interface Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4257CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4257CS8 Datasheet HTML 8Page - Linear Technology LTC4257CS8 Datasheet HTML 9Page - Linear Technology LTC4257CS8 Datasheet HTML 10Page - Linear Technology LTC4257CS8 Datasheet HTML 11Page - Linear Technology LTC4257CS8 Datasheet HTML 12Page - Linear Technology LTC4257CS8 Datasheet HTML 13Page - Linear Technology LTC4257CS8 Datasheet HTML 14Page - Linear Technology LTC4257CS8 Datasheet HTML 15Page - Linear Technology LTC4257CS8 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC4257
12
4257fb
EXTERNAL INTERFACE AND COMPONENT SELECTION
Transformer
Nodes on an Ethernet network commonly interface to the
outside world via an isolation transformer (Figure 8). For
powered devices, the isolation transformer must include
a center tap on the media (cable) side. Proper termination
is required around the transformer to provide correct
impedance matching and to avoid radiated and conducted
emissions. Transformer vendors such as Pulse, Bel Fuse,
Tyco and others (Table 3) can provide assistance with
selection of an appropriate isolation transformer and
proper termination methods. These vendors have trans-
formers specifically designed for use in PD applications.
Table 3. Power over Ethernet Transformer Vendors
VENDOR
CONTACT INFORMATION
Pulse Engineering
12220 World Trade Drive
San Diego, CA 92128
Tel: 858-674-8100
FAX: 858-674-8262
http://www.pulseeng.com/
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel: 201-432-0463
FAX: 201-432-9542
http://www.belfuse.com/
Tyco Electronics
308 Constitution Drive
Menlo Park, CA 94025-1164
Tel: 800-227-7040
FAX: 650-361-2508
http://www.circuitprotection.com/
Diode Bridges
IEEE 802.3af allows power wiring in either of two configu-
rations on the TX/RX wires, plus power can be applied to
the PD via the spare wire pair in the RJ45 connector. The
PD is required to accept power in either polarity on both
the main and spare inputs, therefore it is common to install
diode bridges on both inputs in order to accommodate the
different wiring configurations. Figure 8 demonstrates an
implementation of these diode bridges. The specification
also mandates that the leakage back through the unused
bridge be less than 28
µA when the PD is powered with
57V.
The IEEE standard includes an AC impedance requirement
in order to implement the AC disconnect function. Capaci-
tor C14 in Figure 8 is used to meet this AC impedance
requirement. A 0.1
µF capacitor is recommended for this
application.
The LTC4257 has several different modes of operation
based on the voltage present between the VIN and GND
pins. The forward voltage drop of the input diodes in a PD
design subtracts from the input voltage and will affect the
transition point between modes. When using the LTC4257,
it is necessary to pay close attention to this forward
voltage drop. Selection of oversized diodes will help keep
the PD thresholds from exceeding IEEE specifications.
The input diode bridge of a PD can consume 4% of the
avialable power in some applications. It may be desirable
to use Scottky diodes in order to reduce this power loss.
APPLICATIO S I FOR ATIO
Figure 8. PD Front End with Isolation Transformer, Diode Bridges and Capacitor
16
14
15
1
3
2
RX –
6
RX +
3
TX –
2
TX +
RJ45
T1
PULSE H2019
4257 F08
1
7
8
5
4
11
9
10
6
8
7
D3
SMAJ58A
TVS
BR1
DF01SA
BR2
DF01SA
TO PHY
GND
8
5
4
LTC4257
C1
VIN
VOUT
VOUT
SPARE –
SPARE+
C14
0.1
µF
100V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com