Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4261CUFD-2 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4261CUFD-2
Description  Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261CUFD-2 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4261CUFD-2 Datasheet HTML 10Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 11Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 12Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 13Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 14Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 15Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 16Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 17Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC4261/LTC4261-2
14
42612fb
If any of the above conditions is violated before the start-up
delay expires, CTMR is quickly discharged and the turn-on
sequence is restarted. After all the conditions are validated
throughout the start-up delay, the ON pin is then checked.
If it is high, the FET will be turned on. Otherwise, the FET
will be turned on when the ON pin is raised high or the FET
ON bit D3 in the CONTROL register is set to “1” through
the I2C interface.
The FET turn-on sequence follows by charging an external
capacitor at the SS pin (CSS) with a 10µA pull-up current
and the voltage at SS (VSS) is converted to a current
(IGATE(UP)) of 11.5µA· VSS/2.56V for GATE pull-up. When
the GATE reaches the FET threshold voltage, the inrush
current starts to flow through the FET and a current
(IRAMP) of 20µA· VSS/2.56V flows out of the RAMP pin
and through an external capacitor (CR) connected between
RAMP and VOUT. The SS voltage is clamped to 2.56V, which
corresponds to IGATE(UP) = 11.5µA and IRAMP = 20µA. The
RAMP pin voltage is regulated at 1.1V and the ramp rate
of VOUT determines the inrush current:
IµA
C
C
INRUSH
L
R
= 20 •
The ramp rate of VSS determines dI/dt of the inrush
current:
dI
dt
µA
C
C
µF
ms C
INRUSH
L
RSS
= 20
1
256
••
•
If CSS is absent, an internal circuit pulls the SS pin from
0V to 2.56V in about 220µs.
When VOUT is ramped down to VEE, IGATE returns to
the GATE pin and pulls the GATE up to VGATEH. Figure 3
illustrates the start-up sequence of the LTC4261/
LTC4261-2.
During board insertion and input power step, an internal
clamp turns on to hold the RAMP pin low. Capacitor CF
and resistor RF suppress the noise at the RAMP pin. For
proper operation, RF • CR should not exceed 50µs. The
recommended value of CF is 3 • CR.
Power Good Monitors
When VDS of the pass transistor falls below 1.77V and
GATE pulls above VZ – 1.2V, an internal power good
signal is latched and a series of three delay cycles are
started as shown in Figure 3. When the first delay cycle
with a duration of 2tD expires, the PG pin pulls low as a
power good signal to turn on the first module. When the
second delay cycle (2tD) expires, the PGIO pin pulls low
as a power good signal to turn on the second module. The
third delay cycle with a duration of 4tD is for PGI check.
Before the third delay cycle expires, the PGI pin must be
pulled low by an external supply monitor (such as the
LTC2900 in Figure 2) to keep the FET on. Otherwise, the
FET is turned off and the power bad fault (PBAD) is logged
in the FAULT register. The 2tD timer delay is obtained by
charging CTMR with a 5µA current and discharging CTMR
with a 12mA current when TMR reaches 2.56V. For the
4tD timer delay, the charging and discharging currents of
CTMR are both 5µA. The power good signals at PG and
PGIO are reset in all FET turn-off conditions except the
overvoltage fault.
Turn-Off Sequence and Auto-Retry
In any of the following conditions, the FET is turned off
by pulling down GATE with a 110mA current, and CSS
and CTMR are discharged with 12mA currents.
1. The ON pin is low or the ON bit in the CONTROL reg-
ister is set to 0.
2. The EN pin is high.
3. The voltage at UVL is lower than 2.291V and the volt-
age at UVH is lower than 2.56V (undervoltage fault).
4. The voltage at OV is higher than 1.77V (overvoltage
fault).
5. The voltage at VIN is lower than 9V (VIN undervoltage
lockout).
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com