Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4265IDE-PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4265IDE-PBF
Description  IEEE 802.3at High Power PD Interface Controller with 2-Event Classifi cation Recognition
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4265IDE-PBF Datasheet(HTML) 2 Page - Linear Technology

  LTC4265IDE-PBF Datasheet HTML 1Page - Linear Technology LTC4265IDE-PBF Datasheet HTML 2Page - Linear Technology LTC4265IDE-PBF Datasheet HTML 3Page - Linear Technology LTC4265IDE-PBF Datasheet HTML 4Page - Linear Technology LTC4265IDE-PBF Datasheet HTML 5Page - Linear Technology LTC4265IDE-PBF Datasheet HTML 6Page - Linear Technology LTC4265IDE-PBF Datasheet HTML 7Page - Linear Technology LTC4265IDE-PBF Datasheet HTML 8Page - Linear Technology LTC4265IDE-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4265
2
4265f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
GND Voltage ............................................ –0.3V to 100V
VOUT Voltage ........................–0.3V to 100V (and ≤ GND)
VOUT Pull-Up Current ..................................................1A
SHDN ....................................................... –0.3V to 100V
RCLASS, Voltage............................................ –0.3V to 7V
RCLASS Current.......................................................50mA
PWRGD Voltage (Note 4)
Low Impedance Source .....VOUT – 0.3V to VOUT +11V
Pull-Up Current....................................................5mA
PWRGD, T2PSE Voltage........................... –0.3V to 100V
PWRGD, T2PSE Pull-Up Current............................10mA
Junction Temperature ........................................... 125°C
Operating Ambient Temperature Range
LTC4265C ................................................ 0°C to 70°C
LTC4265I.............................................. –40°C to 85°C
(Notes 1, 2, 3)
12
11
10
9
8
7
13
1
2
3
4
5
6
GND
NC
PWRGD
PWRGD
VOUT
VOUT
SHDN
T2PSE
RCLASS
NC
VIN
VIN
TOP VIEW
DE PACKAGE
12-LEAD (4mm
3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 13) TO BE SOLDERED TO PCB HEAT SINK
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4265CDE#PBF
LTC4265CDE#TRPBF
4265
12-Lead (4mm
× 3mm) Plastic DFN
0°C to 70°C
LTC4265IDE#PBF
LTC4265IDE#TRPBF
4265
12-Lead (4mm
× 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com