Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4267IGN-1 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4267IGN-1
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4267IGN-1 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4267IGN-1 Datasheet HTML 9Page - Linear Technology LTC4267IGN-1 Datasheet HTML 10Page - Linear Technology LTC4267IGN-1 Datasheet HTML 11Page - Linear Technology LTC4267IGN-1 Datasheet HTML 12Page - Linear Technology LTC4267IGN-1 Datasheet HTML 13Page - Linear Technology LTC4267IGN-1 Datasheet HTML 14Page - Linear Technology LTC4267IGN-1 Datasheet HTML 15Page - Linear Technology LTC4267IGN-1 Datasheet HTML 16Page - Linear Technology LTC4267IGN-1 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC4267-1
13
42671f
Figure 5. LTC4267-1 VPORTN Undervoltage Lockout
the classification current is reenabled. C1 will discharge
through the PD circuitry and the POUT pin will go to a high
impedance state.
limit because the load capacitor is charged with a current
below the IEEE inrush current limit specification.
As the LTC4267-1 switches from the low to high level
current limit, the current will increase momentarily. This
current spike is a result of the LTC4267-1 charging the
last 1.5V at the high level current limit. When charging a
10μF capacitor, the current spike is typically 100μs wide
and 125% of the nominal low level current limit.
The LTC4267-1 stays in the high level current limit mode
until the input voltage drops below the UVLO turn-off
threshold. This dual level current limit provides the sys-
tem designer with the flexibility to design PDs which are
compatible with legacy PSEs while also being able to take
advantage of the higher power allocation available in an
IEEE 802.3af system.
During the current limited turn on, a large amount of
power is dissipated in the power MOSFET. The LTC4267-1
PD interface is designed to accept this thermal load and
is thermally protected to avoid damage to the onboard
power MOSFET. Note that in order to adhere to the IEEE
802.3af standard, it is necessary for the PD designer to
ensure the PD steady state power consumption falls within
the limits shown in Table 2. In addition, the steady state
current must be less than ILIM_HI.
Power Good
The LTC4267-1 PD Interface includes a power good circuit
(Figure 6) that is used to indicate that load capacitor C1
is fully charged and that the switching regulator can start
operation. The power good circuit monitors the voltage
across the internal UVLO power MOSFET and
⎯P⎯W⎯R⎯G⎯D is
asserted when the voltage falls below 1.5V. The power
good circuit includes hysteresis to allow the LTC4267-1 to
operate near the current limit point without inadvertently
disabling
⎯P⎯W⎯R⎯G⎯D. The MOSFET voltage must increase to
3V before
⎯P⎯W⎯R⎯G⎯D is disabled.
If a sudden increase in voltage appears on the input line,
this voltage step will be transferred through capacitor C1
and appear across the power MOSFET. The response of the
LTC4267-1 will depend on the magnitude of the voltage
step, the rise time of the step, the value of capacitor C1
and the switching regulator load. For fast rising inputs,
APPLICATIO S I FOR ATIO
Input Current Limit
IEEE 802.3af specifies a maximum inrush current and
also specifies a minimum load capacitor between the
VPORTP and POUT pins. To control turn-on surge current
in the system, the LTC4267-1 integrates a dual level cur-
rent limit circuit with an onboard power MOSFET and
sense resistor to provide a complete inrush control circuit
without additional external components. At turn-on, the
LTC4267-1 will limit the input current to the low level,
allowing the load capacitor to ramp up to the line voltage
in a controlled manner.
The LTC4267-1 has been specifically designed to interface
with legacy PSEs which do not meet the inrush current
requirement of the IEEE 802.3af specification. At turn-on
the LTC4267-1 current limit is set to the lower level. After
C1 is charged up and the POUT– VPORTNvoltage difference
is below the power good threshold, the LTC4267-1 switches
to the high level current limit. The dual level current limit
allows legacy PSEs with limited current sourcing capability
to power up the PD while also allowing the PD to draw full
power from an IEEE 802.3af PSE. The dual level current
limit also allows use of arbitrarily large load capacitors.
The IEEE 802.3af specification mandates that at turn-on
the PD not exceed the inrush current limit for more than
50ms. The LTC4267-1 is not restricted to the 50ms time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com