Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4309CDE-PBF Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4309CDE-PBF
Description  Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4309CDE-PBF Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4309CDE-PBF Datasheet HTML 8Page - Linear Technology LTC4309CDE-PBF Datasheet HTML 9Page - Linear Technology LTC4309CDE-PBF Datasheet HTML 10Page - Linear Technology LTC4309CDE-PBF Datasheet HTML 11Page - Linear Technology LTC4309CDE-PBF Datasheet HTML 12Page - Linear Technology LTC4309CDE-PBF Datasheet HTML 13Page - Linear Technology LTC4309CDE-PBF Datasheet HTML 14Page - Linear Technology LTC4309CDE-PBF Datasheet HTML 15Page - Linear Technology LTC4309CDE-PBF Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC4309
13
4309fa
Figure 6. The LTC4309 in a Level Shifting Repeater/Bus Extender Application.
SDAIN
SCLIN
DISCEN
ENABLE
READY
FAULT
SDAOUT
SCLOUT
C1
0.01μF
C2
0.01μF
LTC4309
VCC
VCC2
GND
3.3V
SDA1
2.5V
SCL1
R3
10k
R2
10k
R4
10k
R1
10k
SDAIN
SCLIN
DISCEN
ENABLE
READY
FAULT
SDAOUT
SCLOUT
C4
0.01μF
C3
0.01μF
LTC4309
VCC
VCC2
GND
5V
SDA2
SCL2
R8
10k
R9
10k
R7
10k
R10
10k
R5
2.7k
R6
2.7k
4309 F04
ACC
ACC
VCC2
SDAIN
SCLIN
FAULT
READY
ENABLE
SDA
SCL
FAULT
READY
ENA1
DISCEN
SDAOUT
SCLOUT
ACC
C1
0.01μF
R5
10k
R1
10k
VCC
VCC2
BACKPLANE
CONNECTOR
BACKPLANE
CARD
CONNECTORS
ENAN
R2
10k
R3
10k
R4
10k
R10
10k
R6
10k
I/O PERIPHERAL CARD 1
LTC4309
VCC
GND
LTC4309
VCC
GND
CARD 1_SDA
CARD 1_SCL
VCC2
SDAIN
SCLIN
FAULT
READY
ENABLE
DISCEN
SDAOUT
SCLOUT
ACC
R7
10k
C4
0.01μF
C3
0.01μF
C2
0.01μF
R8
10k
R9
10k
I/O PERIPHERAL CARD N
CARD N_SDA
CARD N_SCL
4309 F01
Figure 5. The LTC4309 in an Application Where All the Pins Have the Same Length.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com