Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4352CDD-PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4352CDD-PBF
Description  Low Voltage Ideal Diode Controller with Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4352CDD-PBF Datasheet(HTML) 2 Page - Linear Technology

  LTC4352CDD-PBF Datasheet HTML 1Page - Linear Technology LTC4352CDD-PBF Datasheet HTML 2Page - Linear Technology LTC4352CDD-PBF Datasheet HTML 3Page - Linear Technology LTC4352CDD-PBF Datasheet HTML 4Page - Linear Technology LTC4352CDD-PBF Datasheet HTML 5Page - Linear Technology LTC4352CDD-PBF Datasheet HTML 6Page - Linear Technology LTC4352CDD-PBF Datasheet HTML 7Page - Linear Technology LTC4352CDD-PBF Datasheet HTML 8Page - Linear Technology LTC4352CDD-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4352
2
4352f
ABSOLUTE MAXIMUM RATINGS
VIN, SOURCE Voltages ............................... –0.3V to 24V
VCC Voltage .................................................. –0.3V to 7V
OUT Voltage .................................................. –2V to 24V
CPO, GATE Voltages (Note 3)..................... –0.3V to 30V
CPO D.C. Current ...................................................10mA
UV, OV, REV Voltages.................................. –0.3V to 24V
FAULT, STATUS Voltages............................ –0.3V to 24V
(Notes 1, 2)
ORDER INFORMATION
FAULT, STATUS Currents..........................................5mA
Operating Ambient Temperature Range
LTC4352C ................................................ 0°C to 70°C
LTC4352I.............................................. –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MS Package...................................................... 300°C
PIN CONFIGURATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4352CDD#PBF
LTC4352CDD#TRPBF
LDPJ
12-Pin (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC4352IDD#PBF
LTC4352IDD#TRPBF
LDPJ
12-Pin (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC4352CMS#PBF
LTC4352CMS#TRPBF
4352
12-Lead Plastic MSOP
0°C to 70°C
LTC4352IMS#PBF
LTC4352IMS#TRPBF
4352
12-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
TOP VIEW
DD PACKAGE
12-PIN (3mm × 3mm) PLASTIC DFN
12
13
11
8
9
10
4
5
3
2
1
SOURCE
GATE
CPO
GND
OUT
REV
VIN
VCC
UV
OV
STATUS
FAULT 6
7
1
2
3
4
5
6
VIN
VCC
UV
OV
STATUS
FAULT
12
11
10
9
8
7
SOURCE
GATE
CPO
GND
OUT
REV
TOP VIEW
MS PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 13) PCB GND CONNECTION OPTIONAL
TJMAX = 125°C, θJA = 164°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com