Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4311ISC6-TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4311ISC6-TRPBF
Description  Low Voltage I2C/SMBus Accelerator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4311ISC6-TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC4311ISC6-TRPBF Datasheet HTML 1Page - Linear Technology LTC4311ISC6-TRPBF Datasheet HTML 2Page - Linear Technology LTC4311ISC6-TRPBF Datasheet HTML 3Page - Linear Technology LTC4311ISC6-TRPBF Datasheet HTML 4Page - Linear Technology LTC4311ISC6-TRPBF Datasheet HTML 5Page - Linear Technology LTC4311ISC6-TRPBF Datasheet HTML 6Page - Linear Technology LTC4311ISC6-TRPBF Datasheet HTML 7Page - Linear Technology LTC4311ISC6-TRPBF Datasheet HTML 8Page - Linear Technology LTC4311ISC6-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC4311
4
4311fa
TYPICAL PERFORMANCE CHARACTERISTICS
Boost Pull-Up Current vs
Temperature
Supply Current vs Temperature
–40
200
20
4311 G03
170
150
–20
0
40
140
130
210
190
180
160
60
80
100
TEMPERATURE (°C)
VCC = 5.5V
VCC = 3.3V
VCC = 2.5V
VCC = 1.8V
BUS1 = BUS2 = 0V
–40
35
20
4311 G01
20
10
–20
0
40
5
0
40
30
25
15
60
80
100
TEMPERATURE (°C)
VCC = 5.5V
VCC = 3.3V
VCC = 2.5V
VCC = 1.8V
RP = 4.7kΩ
CBUS = 1nF
TEMPERATURE (°C)
–40
24
26
30
20
60
4311 G05
22
20
–20
0
40
80
100
18
16
28
VCC = 3.3V
VCC = 5.5V
VCC = 1.8V
VCC = 2.5V
Standby Current vs Temperature
Boost Pull-Up Current vs Bus
Capacitance
Rise Time vs Capacitance
1
0.55
0.6
0.65
4
6
4311 G06
0.5
0.45
0.4
23
5
0.7
0.75
0.8
SUPPLY VOLTAGE (V)
Bus Input Threshold Voltage vs
Supply Voltage
CAPACITANCE (pF)
0
0
50
100
150
200
250
300
1000
2000
3000
4000
4311 G04
5000
VCC = 1.8V
VCC = 3.3V
VCC = 2.5V
VCC = 5.5V
RP = 2kΩ
Measured from 0.3 • VCC to 0.7 • VCC
CAPACITANCE (pF)
0
0
10
20
30
40
50
60
1000
2000
3000
4000
4311 G02
5000
VCC = 1.8V
VCC = 2.5V
VCC = 3.3V
VCC = 5.5V
Rp = 2kΩ
(TA = 25°C, unless otherwise indicated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com