Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4358IDE-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4358IDE-PBF
Description  5A Ideal Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4358IDE-PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC4358IDE-PBF Datasheet HTML 1Page - Linear Technology LTC4358IDE-PBF Datasheet HTML 2Page - Linear Technology LTC4358IDE-PBF Datasheet HTML 3Page - Linear Technology LTC4358IDE-PBF Datasheet HTML 4Page - Linear Technology LTC4358IDE-PBF Datasheet HTML 5Page - Linear Technology LTC4358IDE-PBF Datasheet HTML 6Page - Linear Technology LTC4358IDE-PBF Datasheet HTML 7Page - Linear Technology LTC4358IDE-PBF Datasheet HTML 8Page - Linear Technology LTC4358IDE-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC4358
5
4358fa
PIN FUNCTIONS
DRAIN: The exposed pad is the drain of the internal
N-channel MOSFET. This pin must be connected to OUT
(Pin 9/Pin 10).
GATE: Gate Drive Output. If reverse current flows, a fast
pulldown circuit quickly connects the GATE pin to the IN
pin, turning off the MOSFET. Leave open if unused.
GND: Device Ground.
IN: Input Voltage and Fast Pulldown Return. IN is the
anode of the ideal diode. The voltage sensed at this pin is
used to control the source-drain voltage drop across the
internal MOSFET. If reverse current starts to flow, a fast
pulldown circuit quickly turns off the internal MOSFET. The
fast pulldown current is returned through this pin.
NC: No Connection. Not internally connected.
OUT: Output Voltage. The OUT pin is the cathode of the ideal
diode and the common output when multiple LTC4358s
are configured as an ideal diode-OR. The voltage sensed
at this pin is used to control the source-drain voltage drop
across the MOSFET. Connect this pin to the drain of the
internal N-channel MOSFET (Pin 15/Pin 17).
VDD: Positive Supply Input. The LTC4358 is powered from
the VDD pin. Connect this pin to OUT either directly or
through an RC hold-up circuit.
(DE/FE PACKAGES)
4358 BD
CHARGE PUMP
+
–
FPD
COMP
GATE
AMP
25mV
25mV
IN
OUT
DRAIN
GATE
GND
IN
VDD
+
–
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com