Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTM4604 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4604
Description  Low Voltage, 4A DC/DC 關ModuleTM with Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4604 Datasheet(HTML) 3 Page - Linear Technology

  LTM4604 Datasheet HTML 1Page - Linear Technology LTM4604 Datasheet HTML 2Page - Linear Technology LTM4604 Datasheet HTML 3Page - Linear Technology LTM4604 Datasheet HTML 4Page - Linear Technology LTM4604 Datasheet HTML 5Page - Linear Technology LTM4604 Datasheet HTML 6Page - Linear Technology LTM4604 Datasheet HTML 7Page - Linear Technology LTM4604 Datasheet HTML 8Page - Linear Technology LTM4604 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTM4604
3
4604f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V unless otherwise noted. See Figure 15.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS(VIN)
Input Supply Current
VIN = 2.5V, VOUT = 1.5V, IOUT = 4A
VIN = 3.3V, VOUT = 1.5V, IOUT = 4A
VIN = 5V, VOUT = 1.5V, IOUT = 4A
2.9
2.2
1.45
A
A
A
Output Specifications
IOUT(DC)
Output Continuous Current
Range (See Output Current
Derating Curves for Different
VIN, VOUT and TA)
VIN = 3.3V, VOUT = 1.5V
4
A
ΔVOUT(LINE)
VOUT
Line Regulation Accuracy
VOUT = 1.5V, VIN from 2.375V to 5.5V, IOUT = 0A
●
0.1
0.2
%
ΔVOUT(LOAD)
VOUT
Load Regulation Accuracy
VOUT = 1.5V, 0A to 4A
VIN = 3.3V
VIN = 5V
●
●
0.3
0.3
0.6
0.6
%
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 22μF/X5R/Ceramic ×3
VIN = 3.3V, VOUT = 1.5V
VIN = 5V, VOUT = 1.5V
10
12
mVP-P
mVP-P
fS
Output Ripple Voltage
Frequency
IOUT = 4A, VIN = 5V, VOUT = 1.5V
1.25
MHz
ΔVOUT(START)
Turn-On Overshoot
COUT = 22μF ×3, VOUT = 1.5V, RUN/SS = 10nF,
IOUT = 0A
VIN = 3.3V
VIN = 5V
20
20
mV
mV
tSTART
Turn-on Time
COUT = 22μF ×3, VOUT = 1.5V, IOUT = 1A Resistive Load,
TRACK = VIN and RUN/SS = Float
VIN = 3.3V
VIN = 5V
1.5
1.0
ms
ms
ΔVOUT(LS)
Peak Deviation for Dynamic
Load Step
Load: 0% to 50% to 0% of Full Load,
COUT = 22μF ×3 Ceramic
VIN = 5V, VOUT = 1.5V
25
mV
tSETTLE
Settling Time for Dynamic
Load Step
Load: 0% to 50% to 0% of Full Load
VIN = 5V, VOUT = 1.5V
10
μs
IOUT(PK)
Output Current Limit
COUT = 22μF ×3
VIN = 3.3V, VOUT = 1.5V
VIN = 5V, VOUT = 1.5V
8
8
A
A
Control Section
VFB
Voltage at FB Pin
IOUT = 0A, VOUT = 1.5V, 0°C ≤ TA ≤ 85°C
IOUT = 0A, VOUT = 1.5V
●
0.792
0.788
0.8
0.8
0.808
0.812
V
V
IFB
0.2
μA
VRUN
RUN Pin On/Off Threshold
0.5
0.65
0.8
V
ITRACK
TRACK Pin Current
0.2
μA
VTRACK(OFFSET)
Offset Voltage
TRACK = 0.4V
30
mV
VTRACK(RANGE)
Tracking Input Range
0
0.8
V
RFBHI
Resistor Between VOUT and
FB Pins
4.975
4.99
5.025
k
Ω
PGOOD
ΔVPGOOD
PGOOD Range
±7.5
%
RPGOOD
PGOOD Resistance
Open-Drain Pull-Down
90
150
Ω
Note 2: The LTM4604E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the – 40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTM4604I is guaranteed over the full
–40°C to 85°C temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com