Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTM4616EV-PBF Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4616EV-PBF
Description  Dual 8A per Channel Low VIN DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4616EV-PBF Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4616EV-PBF Datasheet HTML 16Page - Linear Technology LTM4616EV-PBF Datasheet HTML 17Page - Linear Technology LTM4616EV-PBF Datasheet HTML 18Page - Linear Technology LTM4616EV-PBF Datasheet HTML 19Page - Linear Technology LTM4616EV-PBF Datasheet HTML 20Page - Linear Technology LTM4616EV-PBF Datasheet HTML 21Page - Linear Technology LTM4616EV-PBF Datasheet HTML 22Page - Linear Technology LTM4616EV-PBF Datasheet HTML 23Page - Linear Technology LTM4616EV-PBF Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTM4616
21
4616fa
APPLICATIONS INFORMATION
Figure 21. Four Phase in Parallel, 1.2V at 32A
VIN1
SVIN1
RUN1
PLLLPF1
MODE1
PHMODE1
TRACK1
VIN2
SVIN2
RUN2
PLLLPF2
MODE2
PHMODE2
TRACK2
VOUT1
FB1
ITH1
ITHM1
PGOOD1
BSEL1
MGN1
VOUT2
FB2
ITH2
ITHM2
PGOOD2
BSEL2
MGN2
SW1
CLKIN1
CLKOUT1 CLKIN2
CLKOUT2
SW2
SGND1
GND1
SGND2
GND2
4616 F21
LTM4616
2.47k
C1
470μF
6.3V
10μF
6.3V
10μF
6.3V
10μF
6.3V
10μF
6.3V
VIN
3V TO 6.5V
VOUT
1.2V AT 32A
TRACK INPUT
OR 3VIN
VIN1
SVIN1
RUN1
PLLLPF1
MODE1
PHMODE1
TRACK1
VIN2
SVIN2
RUN2
PLLLPF2
MODE2
PHMODE2
TRACK2
VOUT1
FB1
ITH1
ITHM1
PGOOD1
BSEL1
MGN1
VOUT2
FB2
ITH2
ITHM2
PGOOD2
BSEL2
MGN2
SW1
CLKIN1
CLKOUT1 CLKIN2
CLKOUT2
SW2
SGND1
GND1
SGND2
GND2
LTM4616
+
C2
470μF
6.3V
+
SANYO POSCAP
10mΩ
C3
470μF
6.3V
+
C4
22μF
6.3V
+
C5
22μF
6.3V
+
R2
50k
R1
50k
A1
V+
IOE
IIN
OUT
GND
VIN
3V TO 6.6V
BSEL: HIGH = 10%
FLOAT = 15%
LOW = 5%
A1, A2 PERICOM P174ST1G126CEX
TOSHIBA TC75Z126AFE
OE
IN
OUT
MGN
MARGIN VALUE
H
H
L
H
L
X
H
L
Z
H
L
VIN/2
+ Value of BSEL Selection
– Value of BSEL Selection
No Margin
OPTIONAL MARGINING CIRCUIT,
IF NOT USED TIE THE MGN PINS TO VOUT
6 PIN SC70 PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com