Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1998CS6-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1998CS6-PBF
Description  2.5關A, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1998CS6-PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC1998CS6-PBF Datasheet HTML 1Page - Linear Technology LTC1998CS6-PBF Datasheet HTML 2Page - Linear Technology LTC1998CS6-PBF Datasheet HTML 3Page - Linear Technology LTC1998CS6-PBF Datasheet HTML 4Page - Linear Technology LTC1998CS6-PBF Datasheet HTML 5Page - Linear Technology LTC1998CS6-PBF Datasheet HTML 6Page - Linear Technology LTC1998CS6-PBF Datasheet HTML 7Page - Linear Technology LTC1998CS6-PBF Datasheet HTML 8Page - Linear Technology LTC1998CS6-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC1998
5
1998fa
Output Low Voltage vs Load
Current
Output High Voltage vs Load
Current
Output Short-Circuit Current vs
Supply Voltage
OUTPUT SINK CURRENT (mA)
1
1998 G07
23
4
5
0.6
0.4
0.2
0
TA = 25°C
VLOGIC = VBATT = 3V
TA = –40°C
TA = 85°C
TA = 25°C
OUTPUT SOURCE CURRENT (mA)
1
1998 G08
23
4
5
0
–50
–100
–150
–200
–250
TA = 25°C
VLOGIC = VBATT
TA = 85°C
TA = –40°C
BATT = 3V
BATT = 5V
TA = 25°C
TA = –40°C
TA = 85°C
TA = 25°C
SUPPLY VOLTAGE (V)
1.0 1.5
2.5
3.5
4.5
5.5
120
100
80
60
40
20
0
2.0
3.0
4.0
5.0
1998 G09
6.0
SOURCE CURRENT,
BATTLO SHORTED TO GND
SINK CURRENT,
BATTLO SHORTED
TO VLOGIC
TA = 25°C
VBATT = VLOGIC
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com