Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2202CUK Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2202CUK
Description  16-Bit, 25Msps/10Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2202CUK Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2202CUK Datasheet HTML 17Page - Linear Technology LTC2202CUK Datasheet HTML 18Page - Linear Technology LTC2202CUK Datasheet HTML 19Page - Linear Technology LTC2202CUK Datasheet HTML 20Page - Linear Technology LTC2202CUK Datasheet HTML 21Page - Linear Technology LTC2202CUK Datasheet HTML 22Page - Linear Technology LTC2202CUK Datasheet HTML 23Page - Linear Technology LTC2202CUK Datasheet HTML 24Page - Linear Technology LTC2202CUK Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC2203/LTC2202
21
22032fb
Figure 5 demonstrates the use of an LTC1994 differential
amplifier to convert a single ended input signal into a
differential input signal. The advantage of this method is
that it provides low frequency input response; however,
the limited gain bandwidth of any op amp will limit the
SFDR at high input frequencies.
The 25Ω resistors and 12pF capacitor on the analog
inputs serve two purposes: isolating the drive circuitry
from the sample-and-hold charging glitches and limiting
the wideband noise at the converter input.
Reference Operation
Figure 6 shows the LTC2203/LTC2202 reference circuitry
consisting of a 2.5V bandgap reference, a programmable
gain amplifier and control circuit. The LTC2203/LTC2202
has three modes of reference operation: Internal Refer-
ence, 1.25V external reference or 2.5V external reference.
To use the internal reference, tie the SENSE pin to VDD. To
use the external reference, simply apply either a 1.25V or
2.5V reference voltage to the SENSE input pin. Both 1.25V
and 2.5V applied to SENSE will result in a full scale range
of 2.5VP-P (PGA = 0). A 1.25V output, VCM, is provided
for a common mode bias for input drive circuitry. An
external bypass capacitor is required for the VCM output.
This provides a high frequency low impedance path to
ground for internal and external circuitry. This is also the
compensation capacitor for the reference; it will not be
stable without this capacitor. The minimum value required
for stability is 2.2µF.
APPLICATIO S I FOR ATIO
The internal programmable gain amplifier provides the
internal reference voltage for the ADC. This amplifier has
very stringent settling requirements and is not accessible
for external use.
Figure 5. DC Coupled Input with Differential Amplifier
VCM
LTC2203/02
22032 F05
–
–
+
+
CM LT1994
499
Ω
100pF
100pF
100pF
2.2
μF
499
Ω
523
Ω
499
Ω
53.6
Ω
AIN
+
AIN
–
Figure 6. Reference Circuit
PGA
1.25V
SENSE
VCM
BUFFER
INTERNAL
ADC
REFERENCE
RANGE
SELECT
AND GAIN
CONTROL
2.5V
BANDGAP
REFERENCE
2.2
μF
TIE TO VDD TO USE
INTERNAL 2.5V
REFERENCE
OR INPUT FOR
EXTERNAL 2.5V
REFERENCE
OR INPUT FOR
EXTERNAL 1.25V
REFERENCE
22032 F07
LTC2203/02
Figure 7. A 2.25V Range ADC with
an External 2.5V Reference
VCM
SENSE
1.25V
3.3V
2.2
μF
2.2
μF
1
μF
22032 F08
LTC2203/02
LT1461-2.5
2
6
4
The SENSE pin can be driven ±5% around the nominal 2.5V
or 1.25V external reference input. This adjustment range
can be used to trim the ADC gain error or other system
gain errors. When selecting the internal reference, the
SENSE pin should be tied to VDD as close to the converter
as possible. If the sense pin is driven externally it should
be bypassed to ground as close to the device as possible
with at least a 1µF ceramic capacitor.
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com