Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2362CS6-TRPBF Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2362CS6-TRPBF
Description  100ksps/250ksps/500ksps, 12-Bit Serial ADCs in TSOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2362CS6-TRPBF Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2362CS6-TRPBF Datasheet HTML 9Page - Linear Technology LTC2362CS6-TRPBF Datasheet HTML 10Page - Linear Technology LTC2362CS6-TRPBF Datasheet HTML 11Page - Linear Technology LTC2362CS6-TRPBF Datasheet HTML 12Page - Linear Technology LTC2362CS6-TRPBF Datasheet HTML 13Page - Linear Technology LTC2362CS6-TRPBF Datasheet HTML 14Page - Linear Technology LTC2362CS6-TRPBF Datasheet HTML 15Page - Linear Technology LTC2362CS6-TRPBF Datasheet HTML 16Page - Linear Technology LTC2362CS6-TRPBF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC2360/LTC2361/LTC2362
13
236012f
APPLICATIONS INFORMATION
Intermodulation Distortion
If the ADC input signal consists of more than one spectral
component, the ADC transfer function nonlinearity can
produce intermoduation distortion (IMD) in addition to
THD. IMD is the change in one sinusoidal input caused
by the presence of another sinusoidal input at a different
frequency.
If two pure sine waves of frequencies fa and fb are applied
to the ADC input, nonlinearities in the ADC transfer function
can create distortion products at the sum and difference
frequencies of mfa ± nfb, where m and n = 0, 1, 2, 3, etc.
For example, the 2nd order IMD terms include (fa ± fb).
If the two input sine waves are equal in magnitude, the
value (in decibels) of the 2nd order IMD products can be
expressed by the following formula:
IMD fa ± fb
()= 20log
Amplitude at fa ± fb
()
Amplitude at fa
Peak Harmonic or Spurious Noise
The peak harmonic or spurious noise is the largest spectral
component excluding the input signal and DC. This value
is expressed in decibels relative to the RMS value of a
full-scale input signal.
Full-Power and Full-Linear Bandwidth
The full-power bandwidth is that input frequency at which
the amplitude of reconstructed fundamental is reduced by
3dB for full-scale input signal.
The full-linear bandwidth is the input frequency at which the
SINAD has dropped to 68dB (11 effective bits). The LTC2362
has been designed to optimize input bandwidth, allowing the
ADC to undersample input signals with frequencies above
the converter’s Nyquist frequency. The noise floor stays
very low at high frequencies; SINAD becomes dominated
by distortion at frequencies far beyond Nyquist.
Figure 9. LTC2362 Intermodulation Distortion Plot
INPUT FREQUENCY (kHz)
0
0
–20
–60
–100
–40
–80
–120
100
200
236012 F09
250
50
150
VDD = 3.6V
fSMPL = 500ksps
fa = 99kHz
fb = 101kHz
IMD = –76.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com