Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2482CDD-PBF Datasheet(PDF) 29 Page - Linear Technology

Part # LTC2482CDD-PBF
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2482CDD-PBF Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC2482CDD-PBF Datasheet HTML 24Page - Linear Technology LTC2482CDD-PBF Datasheet HTML 25Page - Linear Technology LTC2482CDD-PBF Datasheet HTML 26Page - Linear Technology LTC2482CDD-PBF Datasheet HTML 27Page - Linear Technology LTC2482CDD-PBF Datasheet HTML 28Page - Linear Technology LTC2482CDD-PBF Datasheet HTML 29Page - Linear Technology LTC2482CDD-PBF Datasheet HTML 30Page - Linear Technology LTC2482CDD-PBF Datasheet HTML 31Page - Linear Technology LTC2482CDD-PBF Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LTC2482
29
2482fb
APPLICATIONS INFORMATION
(referred to the LTC2482 input) can now be obtained by
summing as square root of sum of squares the three ADC
input referred noise sources: the LTC2482 internal noise,
the noise of the IN+ driving amplifier and the noise of the
IN– driving amplifier.
If the fO pin is driven by an external oscillator of frequency
fEOSC, Figure 26 can still be used for noise calculation if
the x-axis is scaled by fEOSC/307200. For large values of
the ratio fEOSC/307200, the Figure 26 plot accuracy begins
to decrease, but at the same time the LTC2482 noise floor
rises and the noise contribution of the driving amplifiers
lose significance.
Normal Mode Rejection and Antialiasing
One of the advantages delta-sigma ADCs offer over
conventional ADCs is on-chip digital filtering. Combined
with a large oversampling ratio, the LTC2482 significantly
simplifies antialiasing filter requirements. Additionally,
the input current cancellation feature of the LTC2482 al-
lows external lowpass filtering without degrading the DC
performance of the device.
The SINC4 digital filter provides greater than 120dB normal
mode rejection at all frequencies except DC and integer
multiples of the modulator sampling frequency (fS). The
LTC2482’s autocalibration circuits further simplify the
antialiasing requirements by additional normal mode
signal filtering both in the analog and digital domain.
Independent of the operating mode, fS = 256 • fN = 2048
• fOUTMAX where fN is the notch frequency and fOUTMAX
is the maximum output data rate. In the internal oscilla-
tor mode with 50Hz/60Hz rejection, fS = 13960Hz. In the
external oscillator mode, fS = fEOSC/20.
The regions of low rejection occurring at integer multiples
of fS have a very narrow bandwidth. Magnified details of
the normal mode rejection curves are shown in Figure 27
(rejection near DC) and Figure 28 (rejection at fS = 256fN)
where fN represents the notch frequency. These curves
have been derived for the external oscillator mode but
they can be used in all operating modes by appropriately
selecting the fN value.
The user can expect to achieve this level of performance
using the internal oscillator as it is demonstrated by
Figure 29. Typical measured values of the normal mode
rejection of the LTC2482 operating with an internal oscil-
lator (50Hz/60Hz rejection) is shown in Figure 29.
As a result of these remarkable normal mode specifica-
tions, minimal (if any) antialias filtering is required in front
of the LTC2482. If passive RC components are placed in
front of the LTC2482, the input dynamic current should
be considered (see Input Current section). In this case,
the differential input current cancellation feature of the
LTC2482 allows external RC networks without significant
degradation in DC performance.
Traditional high order delta-sigma modulators, while
providing very good linearity and resolution, suffer
from potential instabilities at large input signal levels.
The proprietary architecture used for the LTC2482 third
INPUT SIGNAL FREQUENCY (Hz)
2482 F27
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
fN
0
2fN 3fN 4fN 5fN 6fN 7fN 8fN
fN = fEOSC/5120
INPUT SIGNAL FREQUENCY (Hz)
250fN 252fN 254fN 256fN 258fN 260fN 262fN
2482 F28
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
Figure 27. Input Normal Mode Rejection at DC
Figure 28. Input Normal Mode Rejection at fS = 256fN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com