Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2485CDD Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2485CDD
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2485CDD Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2485CDD Datasheet HTML 8Page - Linear Technology LTC2485CDD Datasheet HTML 9Page - Linear Technology LTC2485CDD Datasheet HTML 10Page - Linear Technology LTC2485CDD Datasheet HTML 11Page - Linear Technology LTC2485CDD Datasheet HTML 12Page - Linear Technology LTC2485CDD Datasheet HTML 13Page - Linear Technology LTC2485CDD Datasheet HTML 14Page - Linear Technology LTC2485CDD Datasheet HTML 15Page - Linear Technology LTC2485CDD Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
12
LTC2485
2485fa
APPLICATIO S I FOR ATIO
Figure 1. LTC2485 State Transition Diagram
CONVERTER OPERATION
Converter Operation Cycle
The LTC2485 is a low power,
∆Σ analog-to-digital con-
verter with an I2C interface. After power on reset, its
operation is made up of three states. The converter
operating cycle begins with the conversion, followed by
the low power sleep state and ends with the data output/
input (see Figure 1).
Initially, the LTC2485 performs a conversion. Once the
conversion is complete, the device enters the sleep state.
While in this sleep state, power consumption is reduced
by two orders of magnitude. The part remains in the sleep
state as long as it is not addressed for a read/write
operation. The conversion result is held indefinitely in a
static shift register while the converter is in the sleep state.
The device will not acknowledge an external request
during the conversion state. After a conversion is finished,
the device is ready to accept a read/write request. Once the
CONVERSION
SLEEP
2485 F01
YES
NO
ACKNOWLEDGE
YES
NO
STOP
OR READ
32-BITS
DATA OUTPUT
POWER ON RESET
DEFAULT CONFIGURATION:
EXTERNAL INPUT
50/60Hz REJECTION
1X SPEED, AUTOCAL
LTC2485 is addressed for a read operation, the device
begins outputting the conversion result under control of
the serial clock (SCL). There is no latency in the conver-
sion result. The data output is 32 bits long and contains a
24-bit plus sign conversion result. This result is shifted
out on the SDA pin under the control of the SCL. Data is
updated on the falling edges of SCL allowing the user to
reliably latch data on the rising edge of SCL. In write
operation, the device accepts one configuration byte and
the data is shifted in on the rising edges of the SCL. A new
conversion is initiated by a STOP condition following a
valid write operation or at the conclusion of a data read
operation (read out all 32 bits).
I2C INTERFACE
The LTC2485 communicates through an I2C interface.
The I2C interface is a 2-wire open-drain interface sup-
porting multiple devices and masters on a single bus. The
connected devices can only pull the bus wires LOW and
they never drive the bus HIGH. The bus wires are exter-
nally connected to a positive supply voltage via a current-
source or pull-up resistor. When the bus is free, both
lines are HIGH. Data on the I2C-bus can be transferred at
rates of up to 100kbit/s in the Standard-mode and up to
400kbit/s in the Fast-mode.
Each device on the I2C bus is recognized by a unique
address stored in that device and can operate as either a
transmitter or receiver, depending on the function of the
device. In addition to transmitters and receivers, devices
can also be considered as masters or slaves when per-
forming data transfers. A master is the device which
initiates a data transfer on the bus and generates the clock
signals to permit that transfer. At the same time any device
addressed is considered a slave.
The LTC2485 can only be addressed as a slave. Once
addressed, it can receive configuration bits or transmit the
last conversion result. Therefore the serial clock line SCL
is an input only and the data line SDA is bidirectional. The
device supports the Standard-mode and the Fast-mode
for data transfer speeds up to 400kbit/s. Figure 2 shows
the definition of timing for Fast/Standard-mode devices
on the I2C-bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com