Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2498 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2498
Description  24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2498 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2498 Datasheet HTML 9Page - Linear Technology LTC2498 Datasheet HTML 10Page - Linear Technology LTC2498 Datasheet HTML 11Page - Linear Technology LTC2498 Datasheet HTML 12Page - Linear Technology LTC2498 Datasheet HTML 13Page - Linear Technology LTC2498 Datasheet HTML 14Page - Linear Technology LTC2498 Datasheet HTML 15Page - Linear Technology LTC2498 Datasheet HTML 16Page - Linear Technology LTC2498 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LTC2498
13
2498fc
APPLICATIONS INFORMATION
CONVERTER OPERATION
Converter Operation Cycle
The LTC2498 is a multi-channel, low power, delta-sigma
analog-to-digital converter with an easy to use 4-wire inter-
face and automatic differential input current cancellation.
Its operation is made up of three states (See Figure 2).
The converter operating cycle begins with the conver-
sion, followed by the sleep state and ends with the data
input/output cycle. The 4-wire interface consists of serial
data output (SDO), serial clock (SCK), chip select (CS)
and serial data input (SDI).The interface, timing, operation
cycle, and data output format is compatible with Linear’s
entire family of
ΔΣ converters.
Initially, at power up, the LTC2498 performs a conversion.
Once the conversion is complete, the device enters the
sleep state. While in this sleep state, if CS in HIGH, power
consumption is reduced by two orders of magnitude. The
part remains in the sleep state as long as CS is HIGH. The
conversion result is held indefinitely in a static shift register
while the part is in the sleep state.
Once CS is pulled LOW, the device powers up, exits the
sleep mode, and enters the data input/output state. If CS
is brought HIGH before the first rising edge of SCK, the
device returns to the sleep state and the power is reduced.
If CS is brought HIGH after the first rising edge of SCK, the
data output cycle is aborted and a new conversion cycle
begins. The data output corresponds to the conversion
just completed. This result is shifted out on the serial data
output pin (SDO) under the control of the serial clock pin
(SCK). Data is updated on the falling edge of SCK allowing
the user to reliably latch data on the rising edge of SCK (See
Figure 3). The configuration data for the next conversion
is also loaded into the device at this time. Data is loaded
from the serial data input pin (SDI) on each rising edge
of SCK. The data input/output cycle is concluded once 32
bits are read out of the ADC or when CS is brought HIGH.
The device automatically initiates a new conversion and
the cycle repeats.
Through timing control of the CS and SCK pins, the LTC2498
offers several flexible modes of operation (internal or
external SCK and free-running conversion modes). These
various modes do not require programming and do not
disturb the cyclic operation described above. These modes
of operation are described in detail in the Serial Interface
Timing Modes section.
Ease of Use
The LTC2498 data output has no latency, filter settling
delay or redundant data associated with the conversion
cycle. There is a one-to-one correspondence between the
conversion and the output data. Therefore, multiplexing
multiple analog inputs is straightforward. Each conver-
sion, immediately following a newly selected input or
mode, is valid and accurate to the full specifications of
the device.
The LTC2498 automatically performs offset and full scale
calibration every conversion cycle independent of the
input channel selected. This calibration is transparent to
the user and has no effect with the operation cycle de-
scribed above. The advantage of continuous calibration
is extreme stability of offset and full-scale readings with
respect to time, supply voltage variation, input channel,
and temperature drift.
Easy Drive Input Current Cancellation
The LTC2498 combines a high precision delta-sigma ADC
with an automatic, differential, input current cancellation
front end. A proprietary front end passive sampling network
Figure 2. LTC2498 State Transition Diagram
CONVERT
SLEEP
CHANNEL SELECT
CONFIGURATION SELECT
DATA OUTPUT
POWER UP
IN+= CH0, IN–= CH1
50/60Hz,1X
2498 F02
CS = LOW
AND
SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com