Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2926CUFD Datasheet(PDF) 24 Page - Linear Technology

Part # LTC2926CUFD
Description  MOSFET-Controlled Power Supply Tracker
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2926CUFD Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC2926CUFD Datasheet HTML 20Page - Linear Technology LTC2926CUFD Datasheet HTML 21Page - Linear Technology LTC2926CUFD Datasheet HTML 22Page - Linear Technology LTC2926CUFD Datasheet HTML 23Page - Linear Technology LTC2926CUFD Datasheet HTML 24Page - Linear Technology LTC2926CUFD Datasheet HTML 25Page - Linear Technology LTC2926CUFD Datasheet HTML 26Page - Linear Technology LTC2926CUFD Datasheet HTML 27Page - Linear Technology LTC2926CUFD Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTC2926
24
2926fa
APPLICATIO S I FOR ATIO
Final Sanity Checks
The collection of equations below is useful for identifying
unrealizable solutions.
As stated in step 3 of the design procedure, the slave
supply must finish ramping before the master signal has
reached its final voltage. This can be verified with the
following equation:
VV
R
R
MASTER
TRACK
TB
TA
>• +
⎛
⎝⎜
⎞
⎠⎟
1
Here, VTRACK = 0.8V. VMASTER is the final voltage of the
master signal, either the supply voltage ramped up through
the optional external MOSFET or VCC when no MOSFET
is present.
It is possible to choose resistor values that require the
LTC2926 to supply more current than the Electrical Char-
acteristics table guarantees. To avoid this condition, check
that each TRACK pin’s current, ITRACKn, does not exceed
1mA, and that the RAMPBUF pin current, IRAMPBUF, does
not exceed ±3mA.
To confirm that ITRACKn ≤ 1mA, verify that:
V
RR
mA
TRACK
TA
TB
||
≤1
Check that the RAMPBUF pin will not be forced to sink
more than 3mA when it is at 0V and will not be forced to
source more than 3mA when it is at VMASTER.
V
RR
V
RR
mA
TRACK
TA
TB
TRACK
TA
TB
11
2
2
3
||
||
+≤
and
V
RR
V
RR
mA
MASTER
TA
TB
MASTER
TA
TB
11
2
2
3
+
+
+
≤
Load Requirements
A weak resistive load can cause static and dynamic track-
ing errors. The behavior of the source-follower topology
of MOSFET-controlled tracking relies on the load’s abil-
ity to support the ramp rates and tracking currents of a
particular application. Consider the simplified slave load
schematic in Figure 23.
Figure 23. Simplified Slave Supply Load
LOAD
SLAVEn
2926 F23
OUT
SUPPLY
MODULE
Qn
LTC2926
SGATEn
FBn
RFB
RFA
RL
CL
When the supplies are ramped down quickly, the load must
be capable of sinking enough current to support the ramp
rate. For example, if there is a large output capacitance and
a weak resistive load on a particular supply, that supply’s
falling rate will be limited by the RC time constant of the
load. In Figure 24, the falling 2.5V slave cannot keep up
with the falling master ramp.
When the supplies are near ground, the load must be
capable of sinking the tracking current without creating
a large offset voltage. For weak resistive loads and slave
voltage levels near ground, the tracking current (at its
maximum there) can be in excess of the load’s current
demand. Having no capability for sinking current, the
MOSFET shuts off. All of the mirrored tracking current that
flows through RFB also flows through the load resistance,
RL, which creates a voltage offset between the slave and
ground. In Figure 24, the 1.8V supply shows an offset
from ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com