| Electronic Components Datasheet Search |
|
PSD4235G2V-12UI Datasheet(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD4235G2V-12UI Datasheet(HTML) 18 Page - STMicroelectronics |
|
18 / 93 page ![]() Preliminary Information PSD4000 Series 15 9.0 The PSD4000 Functional Blocks As shown in Figure 1, the PSD4000 consists of six major types of functional blocks: t Memory Blocks t PLD Blocks t Bus Interface t I/O Ports t Power Management Unit t JTAG-ISP Interface The functions of each block are described in the following sections. Many of the blocks perform multiple functions, and are user configurable. 9.1 Memory Blocks The PSD4000 has the following memory blocks: • The main Flash memory • Secondary Flash memory • SRAM. The memory select signals for these blocks originate from the Decode PLD (DPLD) and are user-defined in PSDsoft. Table 7 summarizes which versions of the PSD4000 contain which memory blocks. Main Flash Secondary Flash Device Flash Size Sector Size Block Size Sector Size SRAM PSD4135G2 512KB 64KB 32KB 8KB 8KB Table 7. Memory Blocks 9.1.1 Main Flash and Secondary Flash Memory Description The main Flash memory block is divided evenly into eight sectors. The secondary Flash memory is divided into four sectors of eight Kbytes each. Each sector of either memory can be separately protected from program and erase operations. Flash memory may be erased on a sector-by-sector basis and programmed word-by-word. Flash sector erasure may be suspended while data is read from other sectors of memory and then resumed after reading. During a program or erase of Flash, the status can be output on the Rdy/Bsy pin of Port PE4. This pin is set up using PSDsoft. 9.1.1.1 Memory Block Selects The decode PLD in the PSD4000 generates the chip selects for all the internal memory blocks (refer to the PLD section). Each of the eight Flash memory sectors have a Flash Select signal (FS0-FS7) which can contain up to three product terms. Each of the four Secondary Flash memory sectors have a Select signal (CSBOOT0-3) which can contain up to three product terms. Having three product terms for each sector select signal allows a given sector to be mapped in different areas of system memory. When using a microcontroller (80C51XA) with separate Program and Data space, these flexible select signals allow dynamic re-mapping of sectors from one space to the other before and after IAP. 9.1.1.2 The Ready/Busy Pin (PE4) Pin PE4 can be used to output the Ready/Busy status of the PSD4000. The output on the pin will be a ‘0’ (Busy) when Flash memory blocks are being written to, or when the Flash memory block is being erased. The output will be a ‘1’ (Ready) when no write or erase operation is in progress. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |