Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3402 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3402
Description  2A, 3MHz Micropower Synchronous Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3402 Datasheet(HTML) 2 Page - Linear Technology

  LTC3402 Datasheet HTML 1Page - Linear Technology LTC3402 Datasheet HTML 2Page - Linear Technology LTC3402 Datasheet HTML 3Page - Linear Technology LTC3402 Datasheet HTML 4Page - Linear Technology LTC3402 Datasheet HTML 5Page - Linear Technology LTC3402 Datasheet HTML 6Page - Linear Technology LTC3402 Datasheet HTML 7Page - Linear Technology LTC3402 Datasheet HTML 8Page - Linear Technology LTC3402 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC3402
3402fb
(Note 1)
VIN, VOUT Voltages ...................................... – 0.5V to 6V
SW Voltage ................................................. – 0.5V to 6V
VC, Rt Voltages ......................... – 0.5V to (VOUT + 0.3V)
PGOOD, SHDN, FB, MODE Voltages ........... – 0.5V to 6V
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
TJMAX = 125°C
θJA = 130°C/ W 1 LAYER BOARD
θJA = 100°C/ W 4 LAYER BOARD
MS PART MARKING
ORDER PART
NUMBER
LTC3402EMS
LTSK
The
● denotes specifications that apply over the full operating temperature range, otherwise specifications are at TA = 25
°C.
VIN = 1.2V, VOUT = 3.3V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Start-Up Voltage
ILOAD = <1mA
0.85
1.0
V
Minimum Operating Voltage
(Note 4)
●
0.5
V
Output Voltage Adjust Range
●
2.6
5.5
V
Feedback Voltage
●
1.22
1.25
1.28
V
Feedback Input Current
VFB = 1.25V
1
50
nA
Quiescent Current—Burst Mode Operation
VC = 0V, MODE/SYNC = 3.3V (Note 3)
38
65
μA
Quiescent Current—SHDN
SHDN = 0V, Not Including Switch Leakage
0.1
1
μA
Quiescent Current—Active
VC = 0V, MODE/SYNC = 0V, Rt = 300k (Note 3)
440
800
μA
NMOS Switch Leakage
0.1
5
μA
PMOS Switch Leakage
0.1
10
μA
NMOS Switch On Resistance
0.16
Ω
PMOS Switch On Resistance
0.18
Ω
NMOS Current Limit
●
2
2.5
A
NMOS Burst Current Limit
0.66
A
Maximum Duty Cycle
Rt = 15k
●
80
85
%
Minimum Duty Cycle
●
0%
Switching Frequency
Rt = 15k
●
1.6
2
2.4
MHz
MODE/SYNC Input High
1.4
V
MODE/SYNC Input Low
0.4
V
MODE/SYNC Input Current
VMODE/SYNC = 5.5V
0.01
1
μA
Error Amp Transconductance
ΔI = –5μA to 5μA, VC = VFB
85
μmhos
PGOOD Threshold
Referenced to Feedback Voltage
– 6
– 9
– 12
%
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
1
2
3
4
5
Rt
MODE
VIN
SW
GND
10
9
8
7
6
SHDN
VC
FB
VOUT
PGOOD
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com