Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3407A Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3407A
Description  Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3407A Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3407A Datasheet HTML 7Page - Linear Technology LTC3407A Datasheet HTML 8Page - Linear Technology LTC3407A Datasheet HTML 9Page - Linear Technology LTC3407A Datasheet HTML 10Page - Linear Technology LTC3407A Datasheet HTML 11Page - Linear Technology LTC3407A Datasheet HTML 12Page - Linear Technology LTC3407A Datasheet HTML 13Page - Linear Technology LTC3407A Datasheet HTML 14Page - Linear Technology LTC3407A Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3407A
11
3407afa
APPLICATIONS INFORMATION
During this recovery time, VOUT can be monitored for over-
shoot or ringing that would indicate a stability problem.
The initial output voltage step may not be within the
bandwidth of the feedback loop, so the standard second-
order overshoot/DC ratio cannot be used to determine
phase margin. In addition, a feed-forward capacitor can be
added to improve the high frequency response, as shown
in Figure 1. Capacitors C1 and C2 provide phase lead by
creating high frequency zeros with R2 and R4 respectively,
which improve the phase margin.
The output voltage settling behavior is related to the stability
of the closed-loop system and will demonstrate the actual
overall supply performance. For a detailed explanation of
optimizing the compensation components, including a re-
view of control loop theory, refer to Application Note 76.
In some applications, a more severe transient can be caused
by switching in loads with large (>1μF) input capacitors.
The discharged input capacitors are effectively put in paral-
lel with COUT, causing a rapid drop in VOUT. No regulator
can deliver enough current to prevent this problem, if the
switch connecting the load has low resistance and is driven
quickly. The solution is to limit the turn-on speed of the
load switch driver. A Hot Swap™ controller is designed
specifically for this purpose and usually incorporates cur-
rent limiting, short-circuit protection, and soft-starting.
Soft-Start
The RUN/SS pins provide a means to separately run or shut
down the two regulators. In addition, they can optionally be
used to externally control the rate at which each regulator
starts up and shuts down. Pulling the RUN/SS1 pin below
1V shuts down regulator 1 on the LTC3407A. Forcing this
pin to VIN enables regulator 1. In order to control the rate
at which each regulator turns on and off, connect a resistor
and capacitor to the RUN/SS pins as shown in Figure 1.
The soft-start duration can be calculated by using the
following formula:
tSS =RSSCSSIn
VIN 1
VIN 1.6
(s)
For approximately a 1ms ramp time, use RSS = 4.7MΩ
and CSS = 680pF at VIN = 3.3V.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Percent efficiency can
be expressed as:
%Efficiency = 100% - (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percent-
age of input power.
Although all dissipative elements in the circuit produce
losses, 4 main sources usually account for most of the
losses in LTC3407A circuits: 1) VIN quiescent current, 2)
switching losses, 3) I2R losses, 4) other losses.
1) The VIN current is the DC supply current given in the
Electrical Characteristics which excludes MOSFET
driver and control currents. VIN current results in a
small (<0.1%) loss that increases with VIN, even at no
load.
2) The switching current is the sum of the MOSFET driver
and control currents. The MOSFET driver current re-
sults from switching the gate capacitance of the power
MOSFETs. Each time a MOSFET gate is switched from
low to high to low again, a packet of charge dQ moves
from VIN to ground. The resulting dQ/dt is a current
out of VIN that is typically much larger than the DC bias
current. In continuous mode, IGATECHG = fO(QT + QB),
where QT and QB are the gate charges of the internal
top and bottom MOSFET switches. The gate charge
losses are proportional to VIN and thus their effects
will be more pronounced at higher supply voltages.
3) I2R losses are calculated from the DC resistances of
the internal switches, RSW, and external inductor, RL.
In continuous mode, the average output current flows
through inductor L, but is “chopped” between the internal
top and bottom switches. Thus, the series resistance
looking into the SW pin is a function of both top and
bottom MOSFET RDS(ON) and the duty cycle (D) as
follows:
RSW = (RDS(ON)TOP)(D) + (RDS(ON)BOT)(1 – D)
Hot Swap is a registered trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com