Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3453EUF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3453EUF
Description  Synchronous Buck-Boost High Power White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3453EUF Datasheet(HTML) 2 Page - Linear Technology

  LTC3453EUF Datasheet HTML 1Page - Linear Technology LTC3453EUF Datasheet HTML 2Page - Linear Technology LTC3453EUF Datasheet HTML 3Page - Linear Technology LTC3453EUF Datasheet HTML 4Page - Linear Technology LTC3453EUF Datasheet HTML 5Page - Linear Technology LTC3453EUF Datasheet HTML 6Page - Linear Technology LTC3453EUF Datasheet HTML 7Page - Linear Technology LTC3453EUF Datasheet HTML 8Page - Linear Technology LTC3453EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3453
2
3453fa
VIN, PVIN, SW1, SW2, VOUT Voltage ............ –0.3V to 6V
LED1 to LED4 Voltage ...... –0.3V to (VOUT + 0.3V) or 6V
VC, EN1, EN2,
ISET1, ISET2 Voltage .......... –0.3V to (VIN + 0.3V) or 6V
LED1 to LED4 Peak Current ................................ 250mA
Storage Temperature Range .................. –65
°C to 125°C
Operating Temperature Range (Note 2) ... –40
°C to 85°C
Junction Temperature (Note 3) ............................. 125
°C
ORDER PART NUMBER
UF PART MARKING
TJMAX = 125°C, θJA = 40°C/W, θJC = 2.6°C/W
EXPOSED PAD (PIN 17) IS PGND, MUST BE SOLDERED TO PCB
Consult LTC Marketing for parts specified with wider operating temperature ranges.
3453
LTC3453EUF
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
16 15 14 13
5
6
7
8
UF PACKAGE
16-LEAD (4mm
× 4mm) PLASTIC QFN
9
10
11
17
12
4
3
2
1
TOP VIEW
VIN
EN1
ISET1
LED1
VC
EN2
ISET2
LED4
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply Voltage
●
2.7
5.5
V
Input DC Supply Current
Normal Operation
2.7V
≤ VIN ≤ 5.5V, RISET1||RISET2 = 51.1k, ILEDx = 0 (Note 4)
0.6
1
mA
Shutdown
2.7V
≤ VIN ≤ 5.5V; VEN1 = VEN2 = 0V
6
18
µA
UVLO
VIN < UVLO Threshold
3
5
µA
Undervoltage Lockout Threshold
VIN Rising
●
2
2.3
V
VIN Falling
1.6
1.9
V
EN1,2 DC Threshold for Normal Operation
2.7V
≤ VIN ≤ 5.5V, VEN1,2 Rising
●
0.65
1
V
EN1,2 DC Threshold for Shutdown (ILEDx = 0) 2.7V ≤ VIN ≤ 5.5V, VEN1,2 Falling
●
0.2
0.63
V
EN1,2 Input Current
VEN1,2 = 3.6V
●
–1
1
µA
ISET1,2 Servo Voltage
RISET1,2 = 4.12k, 0°C ≤ TA ≤ 85°C
788
800
812
mV
RISET1,2 = 4.12k, –40°C ≤ TA ≤ 85°C
●
780
800
812
mV
LED Output Current Ratio
ILED/(ISET1 + ISET2), ILEDx = 75mA, VLEDx = 300mV,
365
384
403
mA/mA
2.7V
≤ VIN ≤ 5.5V
●
357
384
403
mA/mA
LED Output Current Matching
(MAX – MIN)/[(MAX + MIN)/2] • 100%, ILEDx = 75mA
2
6
%
VLEDx = 300mV
LED Pin Drain Voltage
ILEDx = 75mA
130
mV
Regulated Maximum VOUT
VLEDx = 0V
●
4.4
4.5
4.6
V
PMOS Switch RON
Switches A and D, @ 100mA
0.3
Ω
NMOS Switch RON
Switches B and C, @ 100mA
0.25
Ω
Forward Current Limit
Switch A
1125
1612
2100
mA
Reverse Current Limit
Switch D
200
mA
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = VOUT = 3.6V unless otherwise noted. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com