Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3549 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3549
Description  250mA Low VIN Buck Regulator in 2mm3mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3549 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3549 Datasheet HTML 8Page - Linear Technology LTC3549 Datasheet HTML 9Page - Linear Technology LTC3549 Datasheet HTML 10Page - Linear Technology LTC3549 Datasheet HTML 11Page - Linear Technology LTC3549 Datasheet HTML 12Page - Linear Technology LTC3549 Datasheet HTML 13Page - Linear Technology LTC3549 Datasheet HTML 14Page - Linear Technology LTC3549 Datasheet HTML 15Page - Linear Technology LTC3549 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC3549
16
3549f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2005
LT 0706 • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC1878
600mA (IOUT), 550kHz, Synchronous
Step-Down DC/DC Converter
96% Efficiency, VIN: 2.7V to 6V, VOUT(MIN) = 0.8V, IQ = 10µA, ISD < 1µA,
MS8 Package
LTC1879
1.20A (IOUT), 550kHz, Synchronous
Step-Down DC/DC Converter
95% Efficiency, VIN: 2.7V to 10V, VOUT(MIN) = 0.8V, IQ = 15µA, ISD < 1µA,
16-Lead TSSOP
LT3020
100mA, Low Voltage VLDO
VIN: 0.9V to 10V, VOUT(MIN) = 0.20V, Dropout Voltage = 0.15V, IQ = 120µA,
ISD < 3µA, VOUT = ADJ, DFN/MS8 Packages
LTC3025
100mA, Low Voltage VLDO
VIN: 0.9V to 5.5V, VOUT(MIN) = 0.40V, Dropout Voltage = 0.05V, IQ = 54µA,
ISD < 1µA, VOUT = ADJ, DFN Package
LTC3404
600mA (IOUT), 1.4MHz, Synchronous
Step-Down DC/DC Converter
96% Efficiency, VIN: 2.7V to 6V, VOUT(MIN) = 0.8V, IQ = 10µA, ISD < 1µA,
MS8 Package
LTC3405/LTC3405A
300mA (IOUT), 1.5MHz, Synchronous
Step-Down DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V, IQ = 20µA, ISD < 1µA,
ThinSOT Package
LTC3406/LTC3406B
600mA (IOUT), 1.5MHz, Synchronous
Step-Down DC/DC Converter
96% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 20µA, ISD < 1µA,
ThinSOT Package
LTC3407/LTC3407-2
Dual, 800mA (IOUT), 2.25MHz, Synchronous
Step-Down DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 40µA, ISD < 1µA,
10-Lead MSE Package
LTC3409
600mA, 2.6MHz Low VIN, Synchronous
Step-Down DC/DC Converter
95% Efficiency, VIN: 1.6V to 5.5V, VOUT(MIN) = 0.6V, IQ = 65µA, ISD < 1µA,
DFN Package
LTC3410/LTC3410B
300mA, 2.25MHz, Synchronous Step-Down
DC/DC Converter
96% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V, IQ = 26µA/200µA, ISD < 1µA,
SC70 Package
LTC3411
1.25A (IOUT), 4MHz, Synchronous
Step-Down DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V, IQ = 60µA, ISD < 1µA,
10-Lead MS Package
VLDO and ThinSOT are trademarks of Linear Technology Corporation.
TYPICAL APPLICATIO
RELATED PARTS
Efficiency vs Load Current
RUN
CIN
4.7
µF
CERAMIC
VIN
2.5V TO
4.2V
LTC3549
VIN
MODE
L1, 4.7
µH*
CL, 22pF
R1, 267k
R2
137k
3549 TA03a
SW
VFB
GND
COUT
4.7
µF
CERAMIC
VOUT
1.8V
*TDK VLF3012AT-4R7MR74
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3549 TA03b
0
1
VIN = 2.5V
VOUT = 1.8V
VIN = 4.2V
VIN = 3.6V
20
µs/DIV
VOUT
100mV/DIV
AC COUPLED
ILOAD
200mA/DIV
IL
200mA/DIV
3549 TA03c
VIN = 3.6V
VOUT = 1.8V
ILOAD = 100mA to 250mA
Load Step Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com