Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3610 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3610
Description  24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3610 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3610 Datasheet HTML 16Page - Linear Technology LTC3610 Datasheet HTML 17Page - Linear Technology LTC3610 Datasheet HTML 18Page - Linear Technology LTC3610 Datasheet HTML 19Page - Linear Technology LTC3610 Datasheet HTML 20Page - Linear Technology LTC3610 Datasheet HTML 21Page - Linear Technology LTC3610 Datasheet HTML 22Page - Linear Technology LTC3610 Datasheet HTML 23Page - Linear Technology LTC3610 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC3610
21
3610fd
5V to 24V Input to 1.2V/12A at 550kHz
TYPICAL APPLICATIONS
VOUT
1.2V AT
12A
GND
GND
VIN
COUT1
220μF
2×
C5
22μF
6.3V
L1
0.52μH
RX1
0Ω
CIN
10μF
25V
3×
+
C6
10μF
35V
+
(OPTIONAL)
(OPTIONAL)
C5: TAIYO YUDEN JMK316BJ226ML-T
CIN: TAIYO YUDEN TMK432BJ106MM
COUT1: SANYO 10TPE220ML
L1: WURTH 744310055
LTC3610
SGND
48
SGND
47
SGND
46
SGND
45
EXTVCC
EXTVCC
44
VFB
43
SGND
42
ION
41
SGND
40
FCB
39
ITH
38
VRNG
37
PGOOD
36
VON
35
SGND
34
SGND
SGND
GND
VOUT
VOUT
33
17 18 19 20 21 22 23 24 25
SW
26 27 28 29 30 31 32
64 63 62 61 60 59 58 57 56 55
INTVCC
54
INTVCC
53
VIN
52 51 50 49
PGND
1
PGND
2
PGND
3
SW
4
SW
5
SW
6
SW
7
SW
8
SW
9
SW
10
SW
11
PVIN
VIN
12
PVIN
13
PVIN
14
PVIN
15
PVIN
16
3610 TA03
CF
0.1μF
25V
RF1
1Ω
CVCC
4.7μF
6.3V
CON
0.01μF
C4
0.01μF
C2
C1
DB
CMDSH-3
CSS
0.1μF
VIN
RSS1
510k
(OPTIONAL)
(OPTIONAL)
(OPTIONAL)
(OPTIONAL)
R1
30k
1%
R2
30.1k
1%
RPG1
100k
RON
301k
1%
R5
31.84k
CC1
470pF
CC2
100pF
CVON
(OPTIONAL)
RVON
VIN
5V TO 24V
INTVCC
CB1
0.22μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com