Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CZP2AFTTD800P Datasheet(PDF) 7 Page - KOA Speer Electronics, Inc.

Part # CZP2AFTTD800P
Description  Multi Layer Ferrite Power Beads
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CZP2AFTTD800P Datasheet(HTML) 7 Page - KOA Speer Electronics, Inc.

Back Button CZP2AFTTD800P Datasheet HTML 2Page - KOA Speer Electronics, Inc. CZP2AFTTD800P Datasheet HTML 3Page - KOA Speer Electronics, Inc. CZP2AFTTD800P Datasheet HTML 4Page - KOA Speer Electronics, Inc. CZP2AFTTD800P Datasheet HTML 5Page - KOA Speer Electronics, Inc. CZP2AFTTD800P Datasheet HTML 6Page - KOA Speer Electronics, Inc. CZP2AFTTD800P Datasheet HTML 7Page - KOA Speer Electronics, Inc. CZP2AFTTD800P Datasheet HTML 8Page - KOA Speer Electronics, Inc. CZP2AFTTD800P Datasheet HTML 9Page - KOA Speer Electronics, Inc. CZP2AFTTD800P Datasheet HTML 10Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SS-220 R12
Bolivar Drive ■ P.O. Box 547 ■ Bradford, PA 16701 ■ USA ■ 814-362-5536 ■ Fax 814-362-8883 ■ www.koaspeer.com
Spe ci fi c at io ns g ive n her ei n m ay be ch anged a t any ti m e w i th out p r i or not i ce. Pl eas e c onf ir m t echn ic al s pec i fi ca ti ons befor e you or der an d/or u se.
PAGE 7 OF 10
Item
Requirement
Conditions
Operating Temperature
-55°C ~ +125°C
Storage Temperature
40°C @ 70% Humidity
Sealed plastic bags with desiccant shall be
used to reduce the potential of oxidation on
the terminations during storage.
Resistance to Solder
Change in Impedance: Relative to value before
Flux: 5-10 sec dip
Heat
test ±20%.
After Flux: Air dry for 15 sec
Appearance: There shall be no cracking
Preheat: 150°C ±10°C
Solder Coverage: More than 75% of the terminal
Preheat Time: 60 sec
electrode shall be covered with solder.
Solder Temp: 260°C ±5°C
Dip Time: 10 ±1 sec
Solderability
Solder Coverage: More than 95% of the
Flux: 5-10 sec dip
termination shall be covered with solder.
After Flux: Air dry for 15 sec
Solder Temp: 245°C ±5°C
Dip Time: 5 ±0.5 sec
Leach Resistance
Appearance: There shall be no visible signs of
The bead shall be subjected to the following
physical or mechanical damage (i.e. no cracks).
5 steps for the period of time shown below.
Terminations: Termination must not be leached
The 5 steps constitute one (1) rotation.
away for more than 5%.
4 rotations shall be carried out.
1) Flux: 5-10 sec
2) After Flux: Air dry for 15 sec
3) Solder Temp: 230°C ±5°C
4) Dip Time: 5 ±0.5 sec
5) Cool: Air cool for 60 seconds
Insulation Resistance
Insulation Resistance: Min 1G ohms
Solvent Resistance
Change in Impedance: Relative to value before
Cleaning by:
test ±10%.
Washer: Ultrasonic washer (100W)
Solvent: Isopropyl alcohol
Time: 3 minutes
Terminal Strength
Appearance: The terminal electrode shall not
Type
W(kgf)
Time
(hanging test)
break off, nor shall there be damage to the body.
1J
0.5
30 sec ±2 sec
2A
1.0
30 sec ±2 sec
2B
1.5
30 sec ±2 sec
Terminal Strength
Appearance: There shall be no evidence of
Type
W(kgf)
Time
(push test)
mechanical degradations to terminals or body.
1J
1.4
60 sec
2A
1.8
60 sec
2B
2.3
60 sec
Bending Strength
Appearance: There shall be no physical or
Board: 90x40x1.6mm
mechanical damage.
Bend: 1mm
Impedance: Relative to initial value before test
Time: 5 sec
±10%.
5. Characteristics
SS-220 R12 CZP
12/7/06
11:54 AM
Page 7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com