Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM7512 Datasheet(PDF) 11 Page - SamHop Microelectronics Corp.

Part # SM7512
Description  3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7512 Datasheet(HTML) 11 Page - SamHop Microelectronics Corp.

Back Button SM7512 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7512 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7512 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM7512 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM7512 Datasheet HTML 11Page - SamHop Microelectronics Corp. SM7512 Datasheet HTML 12Page - SamHop Microelectronics Corp. SM7512 Datasheet HTML 13Page - SamHop Microelectronics Corp. SM7512 Datasheet HTML 14Page - SamHop Microelectronics Corp. SM7512 Datasheet HTML 15Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SAMHOP Microelectronics Corp.
Page 10
3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Figure 3
Figure 4
Figure 5
Figure 6
Figure 4
TOTAL HARMONIC DISTORTION + NOISE
VS.
FREQUENCY
TOTAL HARMONIC DISTORTION + NOISE
VS.
FREQUENCY
VDD = 5V
Load = 4 ohms
Po= 1.5 W
BTL Mode
VDD = 5V
Load = 8 ohms
Po = 1 W
BTL Mode
TOTAL HARMONIC DISTORTION + NOISE
VS.
OUTPUT POWER
TOTAL HARMONIC DISTORTION + NOISE
VS.
OUTPUT POWER
20dB
6dB
20dB
6dB
FREQUENCY (Hz)
FREQUENCY (Hz)
VDD = 4 V
Load = 4 ohms
Gain = 20 dB
BTL Mode
VDD = 5 V
Load = 4 ohms
Gain = 20 dB
BTL Mode
20KHz
20 Hz
1 KHz
20KHz
20 Hz
1 KHz
OUTPUT POWER (W)
OUTPUT POWER (W)
Figure 5
Figure 6
V.1.4 Revised May 28,2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com