Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4090 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4090
Description  USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4090 Datasheet(HTML) 2 Page - Linear Technology

  LTC4090 Datasheet HTML 1Page - Linear Technology LTC4090 Datasheet HTML 2Page - Linear Technology LTC4090 Datasheet HTML 3Page - Linear Technology LTC4090 Datasheet HTML 4Page - Linear Technology LTC4090 Datasheet HTML 5Page - Linear Technology LTC4090 Datasheet HTML 6Page - Linear Technology LTC4090 Datasheet HTML 7Page - Linear Technology LTC4090 Datasheet HTML 8Page - Linear Technology LTC4090 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC4090/LTC4090-5
2
4090fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
HVIN, HVEN (Note 9) ................................................60V
BOOST ......................................................................56V
BOOST above SW .....................................................30V
PG, SYNC..................................................................30V
IN, OUT, HVOUT
t < 1ms and Duty Cycle < 1% .................. –0.3V to 7V
Steady State............................................. –0.3V to 6V
BAT, HPWR, SUSP, VC, ⎯C⎯H⎯R⎯G, ⎯H⎯V⎯P⎯R........... –0.3V to 6V
NTC, TIMER, PROG, CLPROG..........–0.3V to VCC + 0.3V
IIN, IOUT, IBAT (Note 5) ..............................................2.5A
Operating Temperature Range ..................... –40 to 85°C
Junction Temperature ........................................... 110°C
Storage Temperature Range....................... –65 to 125°C
(Notes 1, 2, 3, 4)
22
21
20
19
18
17
16
15
14
13
12
1
2
3
4
5
6
7
8
9
10
11
HVEN
HVIN
SW
BOOST
HVOUT
TIMER
SUSP
HPWR
CLPROG
OUT
IN
TOP VIEW
23
DJC PACKAGE
22-LEAD (6mm
× 3mm) PLASTIC DFN
SYNC
PG
RT
VC
NTC
VNTC
HVPR
CHRG
PROG
GATE
BAT
TJMAX = 110°C, θJA = 47°C/W
EXPOSED PAD (PIN 23) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
USB Input Current Limit
VIN
USB Input Supply Voltage
●
4.35
5.5
V
IIN
Input Bias Current
IBAT = 0 (Note 6)
Suspend Mode; SUSP = 5V
●
●
0.5
50
1
100
mA
μA
ILIM
Current Limit
HPWR = 5V
HPWR = 0V
●
●
475
90
500
100
525
110
mA
mA
IIN(MAX)
Maximum Input Current Limit
(Note 7)
2.4
A
RON
On-Resistance VIN to VOUT
IOUT = 80mA
0.215
Ω
VCLPROG
CLPROG Servo Voltage in Current Limit
RCLPROG = 2k
RCLPROG = 1k
●
●
0.98
0.98
1.00
1.00
1.02
1.02
V
V
ISS
Soft-Start Inrush Current
10
mA/μs
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. HVIN = HVEN = 12V, BOOST = 17V, VIN = HPWR = 5V, VBAT = 3.7V,
RPROG = 100k, RCLPROG = 2k and SUSP = 0V, unless otherwise noted.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4090EDJC#PBF
LTC4090EDJC#TRPBF
4090
22-Lead (6mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC4090EDJC-5#PBF
LTC4090EDJC-5#TRPBF
40905
22-Lead (6mm
× 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com