Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4215CUFD-1 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC4215CUFD-1
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215CUFD-1 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC4215CUFD-1 Datasheet HTML 20Page - Linear Technology LTC4215CUFD-1 Datasheet HTML 21Page - Linear Technology LTC4215CUFD-1 Datasheet HTML 22Page - Linear Technology LTC4215CUFD-1 Datasheet HTML 23Page - Linear Technology LTC4215CUFD-1 Datasheet HTML 24Page - Linear Technology LTC4215CUFD-1 Datasheet HTML 25Page - Linear Technology LTC4215CUFD-1 Datasheet HTML 26Page - Linear Technology LTC4215CUFD-1 Datasheet HTML 27Page - Linear Technology LTC4215CUFD-1 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC4215-1
28
42151fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 0808 REV A • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC1422
Single Channel, Hot Swap Controller
Operates from 2.7V to 12V, SO-8
LTC1642A
Single Channel, Hot Swap Controller
Operates from 3V to 16.5V, Overvoltage Protection up to 33V, SSOP-16
LTC1645
Dual Channel, Hot Swap Controller
Operates from 3V to 12V, Power Sequencing, SO-8 or SO-14
LTC1647
Dual Channel, Hot Swap Controller
Operates from 2.7V to 16.5V, SO-8 or SSOP-16
LTC4210
Single Channel, Hot Swap Controller
Operates from 2.7V to 16.5V, Active Current Limiting, SOT23-6
LTC4211
Single Channel, Hot Swap Controller
Operates from 2.5V to 16.5V, Multifunction Current Control, MSOP-8 or MSOP-10
LTC4212
Single Channel, Hot Swap Controller
Operates from 2.5V to 16.5V, Power-Up Timeout, MSOP-10
LTC4215
Single Channel, Hot Swap Controller
with I2C, ADC
Operates from 2.9V to 15V, 27 Device Addresses, Fault Alert Output
LTC4216
Single Channel, Hot Swap Controller
Operates from 0V to 6V, MSOP-10 or 12-Lead (4mm × 3mm) DFN
LT4220
Positive and Negative Voltage, Dual
Channel, Hot Swap Controller
Operates from ±2.7V to ±16.5V, SSOP-16
LTC4221
Dual Hot Swap Controller/Sequencer
Operates from 1V to 13.5V, Multifunction Current Control, SSOP-16
LTC4230
Triple Channel, Hot Swap Controller
Operates from 1.7V to 16.5V, Multifunction Current Control, SSOP-20
LTC4260
Single Channel, Hot Swap Controller
with I2C, ADC
ADC for Board Power Monitoring, 8.5V to 80V
LTC4261
Negative Voltage, Hot Swap Controller
with I2C, ADC
Operates from 9.5V to –100V or More (Shunt Regulated), 24-Lead (4mm × 5mm) QFN or
SSOP-28
–12V Card Resident Application with Optically Isolated I2C and 16.6A Current Limit
TYPICAL APPLICATION
RELATED PARTS
UV VDD SENSE
+
SENSE–
LTC4215-1
GATE
INTVCC
ADR0
ADR1
NC
EN GND
SOURCE
OV
SDAI
SDAO
SCL
ON
FB
GPIO1
GPIO2
GPIO3
ADIN
R5
10Ω
R6
15k
C1
22nF
RS
0.0015Ω
Q1
Si7880DP
–12V
–12V
R7
24.3k
1%
OUTPUT
–12V
R8
2.94k
1%
4215 TA05
C3
0.1μF
D1
5.6V
R9
10k
R1
22.1k
1%
R2
1k
1%
R12
10k
R4
3.3k
R10
3.3k
–12V
R3
2.05k
1%
CF
0.1μF
CL
1000μF
R13
3.3k
HCPL-0300
28
7
7
–7V
3
6
5
HCPL-0300
2
8
–7V
3
6
5
–7V
INTVCC
HCPL-0300
68
5
2
3
–7V
Q2
PLUG-IN
CARD
BACKPLANE
GND
5V
SDA
SCL
VIN
–12V
TIMER
SS
CTIMER
1μF
CSS
68nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com