Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AQF-30 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # AQF-30
Description  30 Watts Universal Input Range AC/DC Power Modules
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

AQF-30 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  AQF-30 Datasheet HTML 1Page - Minmax Technology Co., Ltd. AQF-30 Datasheet HTML 2Page - Minmax Technology Co., Ltd. AQF-30 Datasheet HTML 3Page - Minmax Technology Co., Ltd. AQF-30 Datasheet HTML 4Page - Minmax Technology Co., Ltd. AQF-30 Datasheet HTML 5Page - Minmax Technology Co., Ltd. AQF-30 Datasheet HTML 6Page - Minmax Technology Co., Ltd. AQF-30 Datasheet HTML 7Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
B
C
C
30% 10ms
60% 100ms
95% 5000ms
EN61000-4-11
B
0.15~80MHz 10Vrms
(functional earth ports
included)
80% AM 1kHz
modulation
EN61000-4-6
B
1.2/50uS(8/20uS)
AC dif. {1KV
DC {0.5KV
EN61000-4-5
B
AC port {2KV
DC, SL, TL {2KV
not less than 1 min.
EN61000-4-4
A
80~1000MHz 10V/m
80% AM1KHz
modulation
EN61000-4-3
B
Air {8KV
Cont. {4KV
EN61000-4-2
Performance
Criteria
specification
requirement
Standard
Conducted EMC
EN55022 Class B
Conducted EMI
Free-Air Convection
Cooling
%
95
---
Humidity
]
85
-40
Storage Temperature
]
71
-25
Ambient
Operating Temperature
1. Specifications typical at Ta=+25], resistive
load, 115VAC, 60Hz input voltage, rated output
current unless otherwise noted.
2. Ripple & Noise measurement bandwidth is
0~20 MHz.
3. These power modules require a minimum
output loading to maintain specified regulation.
4. Operation under no-load conditions will not
damage these devices; however they may not
meet all listed specifications.
5. Other input and output voltage may be
available, please contact factory.
6. Specifications subject to change without
notice.
7. Peak current can’ t be drawn from all output at
the same time.
8. Floating (or isolated) output of a power supply
that is not connected to any other output.
9. To order the power module with chassis
mounting style, please add a suffix C (e.g.
AQF-30S05C).
10. Part Number for DIN-Rail bracket:
AC-DIN-02
Unit
Max.
Min.
Conditions
Parameter
Note:
Environmental Specifications
AQF-30 Series
REV:14 2008/08
MINMAX
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com