Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MASS24LO Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # MASS24LO
Description  Multi-Alert & Mini-Alert Sounders and Strobes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

MASS24LO Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  MASS24LO Datasheet HTML 1Page - Systemsensor advanced ideas. MASS24LO Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
System Sensor Headquarters
3825 Ohio Avenue
St. Charles, IL 60174
Ph: 800-SENSOR2
Fx: 630/377-6495
Documents on Demand
1-800-736-7672 x3
www.systemsensor.com
System Sensor Canada
Ph: 905.812.0767
Fx: 905.812.0771
System Sensor Europe
Ph: 011.44.1403.276500
Fx: 011.44.1403.276501
System Sensor in China
Ph: 011.86.29.524.6253
Fx: 011.86.29.524.6259
System Sensor in Singapore
Ph: 011.65.273.2230
Fx: 011.65.273.2610
System Sensor– Far East
Ph: 011.85.22.191.9003
Fx: 011.85.22.736.6580
System Sensor– Australia
Ph: 011.613.54.281.142
Fx: 011.613.54.281.172
System Sensor Sales and Service
© 1999 System Sensor. The company reser ves the right to change product specifications without notice.
A05-207-07•11/99(10K)•#571
Multi-Alert Sounder Specifications
Dimensions
4
″ x 4″ x 21/4″
Weight
5.7 oz. (162 g)
Operating Voltage
12VDC to 24VDC FWR unfiltered*
Mounting
Sur face
4
″ x 4″ back box (11/2″ to 21/8″ deep)
Flush
4
″ x 4″ BBD deep back box (23/4″ deep)
Semi-flush 4
″ x 4″ back box (11/2″ to 2 1/8″ deep)
with MP-SF mounting plate
Input Terminals
12 to 18 AWG
Operating Temperature Range
–32° to 151°F (–35° to 66°C)
*Actual 12 V operating voltage cannot be less than 9.6VDC or greater than 18.7VDC.
Actual 24 V operating voltage cannot be less than 18VDC or greater than 33VDC.
Multi-Alert Strobe Specifications
Dimensions
4
″ x 4″ x 215/16″
Weight
8.2 oz. (232 g)
Operating Voltage
24VDC and FWR unfiltered*
Mounting
Sur face
4
″ x 4″ back box (11/2″ to 21/8″ deep)
Semi-flush 4
″ x 4″ back box (11/2″ to 21/8″ deep)
with MP-SF mounting plate
Input Terminals
12 to 18 AWG
Operating Temperature Range
–31° to 151°F (–35° to 66°C)
*Actual 24V operating voltage cannot be less than 18VDC or greater than 33VDC.
Mini-Alert Specifications
Dimensions
41/2
″ x 23/4″x 11/8″
Weight
2.4 oz. (159 g)
Operating Voltage
12VDC to 24VDC FWR unfiltered*
Mounting
Sur face
Single gang back box
Flush
4
″ x 4″ BBD deep back box (23/4″deep)
Input Terminals
12 to 18 AWG
Operating Temperature Range
14° to 140°F (–10° to 60°C)
*Actual 12V operating voltage cannot be less than 9.6VDC or greater than 18.7VDC.
Actual 24V operating voltage cannot be less than 18VDC or greater than 33VDC.
Ordering Information/Current Draw
Average
dB Output
Red
Beige
White
Description
Voltage
Current
Candela
(UL)***
MA12/24D
Multi-Aler t sounder
12/24VDC
*
—
75–85
SS24LO
Multi-Aler t strobe
24VDC
25 mA
1.5
—
SS24M
Multi-Aler t strobe
24VDC
75 mA
15.0
—
SS24LOLA
Multi-Aler t strobe (“FUEGO” lens)
24VDC
25 mA
1.5
—
MASS24LO
Multi-Aler t sounder /strobe
24VDC
**
1.5
75–85
MASS24M
Multi-Aler t sounder /strobe
24VDC
**
15.0
75–85
MASS24LOLA
Multi-Aler t sounder/strobe (“FUEGO” lens) 24VDC
**
1.5
75–85
PA400R
PA400B
PA400W
Mini-Aler t sounder
12/24VDC
12/15 mA
—
82
PA400R-F
PA400B-F
PA400W-F
Mini-Aler t sounder (“Fire” identification)
12/24VDC
12/15 mA
—
82
PS24LO
PS24LOW
Add-on strobe
12/24VDC
5 mA
1.5
82
Multi-Alert/Mini-Alert Model Numbers
Accessory Model Numbers
Description
MP-F/MP-FB
Flush mounting plate (red/beige)
MP-SF/MP-SFB
Semi-flush mounting plate (red/beige)
BB-D
Flush mounting deep back box, 23/4
″ deep
WBB
Weatherproof back box for MA 12/24D
* Current ranges from 10mA to 55mA depending upon voltage and sound selected
** Current ranges from 35mA to 80mA depending upon voltage and sound selected
*** Sound output varies depending upon voltage and sound selected.
Note: LO and M style strobe and sounder/strobe models are not MEA approved.



Html Pages

1 2