Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2475GLP Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # P2475GLP
Description  SpectrAlert??Colored Lens Strobes and Horn/Strobes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

P2475GLP Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  P2475GLP Datasheet HTML 1Page - Systemsensor advanced ideas. P2475GLP Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Input Terminals
12 to 18 AWG
Dimensions
Strobe or Horn/Strobe with universal mounting
plate: 5
″×55⁄8″×25⁄16″
Strobe or Horn/Strobe with small footprint plate:
3
3⁄8
″×55⁄8″×25⁄16″
Weight
7.2 oz.
Mounting
4
″×4″ or 2″×4″ standard backboxes
Operating Temperature
32°F to 120°F.
Voltages
24 VDC and FWR unfiltered
Operating Voltage Range*
24V: 20–30V
Operating Voltage Range*
24V, 21–30V (with Sync-Circuit module, MDL)
*These products should be operated
within their rated voltage range; UL does, howev-
er, test functional integrity to –20% and +10% of
manufacturer’s stated ranges.
Specifications
Engineering Specifications
General
SpectrAlert strobes and horn/strobes shall be capable of mounting to a
standard 4
″×4″×11⁄2″ back box or a single gang 2″×4″×17⁄8″ back box
using the universal mounting plate included with each SpectrAlert prod-
uct. Strobes and Horn/Strobes shall have a light output of 75 candela, per
UL 1638, and shall have an operating voltage range of 20–30 volts.
SpectrAlert products shall have an operating temperature of 32° to 120°F.
and operate from a regulated DC or full wave rectified, unfiltered power
supply. SpectrAlert products, when used in conjunction with the accessory
Sync•Circuit Module, shall be powered from a non-coded power supply
and shall operate on 24 volts.
Horn/Strobe Combination
Horn/Strobe shall be a System Sensor SpectrAlert Model _____ listed to
UL 1638 and UL 464, and the flash rate shall be 1 Hz over the strobe’s
entire operating voltage range. The strobe light shall consist of a xenon
flash tube and associated lens/reflector system. The horn shall have two
tone options, two audibility options and the option to switch between a
temporal 3 pattern and a non-temporal continuous pattern. Strobes shall
be powered independently of the sounder with the removal of factory
installed jumper wires. The horn on horn/strobe models shall operate on
a coded or non-coded power supply (the strobe must be powered continu-
ously for the horn to operate).
Strobe
Strobe shall be a System Sensor SpectrAlert Model _____ listed to UL
1638, flashing at 1 Hz over the strobe’s entire operating voltage range.
The strobe light shall consist of a xenon flash tube and associated
lens/reflector system.
Horn/Strobe Sound Output
Electromechanical Tone
UL Reverberant
Anechoic Room Peak
Room dBA @ Volts DC
dBA @ 10 ft./Volts DC
Volume
Tone
24
24
High
Temp
82
101
Non
88
101
Low
Temp
75
96
Non
82
96
3000 Hz Interrupted Tone
UL Reverberant
Anechoic Room Peak
Room dBA @ Volts DC
dBA @ 10 ft./Volts DC
Volume
Tone
24
24
High
Temp
85
101
Non
88
101
Low
Temp
79
96
Non
82
96
Avg. mA
Avg. mA
Red
White
Lens Color
Voltage
Candela
@24 VDC
@24 VFWR
Strobes
S2475RLP
S2475RLPW
Red
24
75
140
191
S2475ALP
S2475ALPW
Amber
24
75
140
191
S2475GLP
S2475GLPW
Green
24
75
140
191
S2475BLP
S2475BLPW
Blue
24
75
140
191
Horn/Strobes*
P2475RLP
P2475RLPW
Red
24
75
165
209
P2475ALP
P2475ALPW
Amber
24
75
165
209
P2475GLP
P2475GLPW
Green
24
75
165
209
P2475BLP
P2475BLPW
Blue
24
75
165
209
Sync•Circuit Model Number
MDL
MDLW
NA
12/24
NA
10/11
12/15
Small Footprint Mounting Plate
S-MP
S-MPW
NA
NA
NA
NA
NA
Sur face Mount Back Box Skir t
BBS
BBSW
NA
NA
NA
NA
NA
Universal Mounting Plate (Replacement)
D-MP
D-MPW
NA
NA
NA
NA
NA
*Horn/strobe current draws reflect factor y setting of temporal 3, electromechanical tone, high audibility.
Ordering Information
System Sensor Sales and Service
© 2000 System Sensor. The company reser ves the right to change product specifications without notice.
A05-0293-000•9/00(10K)•#667
System Sensor Headquarters
3825 Ohio Avenue
St. Charles, IL 60174
Ph: 800-SENSOR2
Fx: 630/377-6495
Documents On Demand:
1-800-736-7672 x3
Web: www.systemsensor.com
System Sensor in Canada
Ph: 905.812.0767
Fx: 905.812.0771
System Sensor in Europe
Ph: + 44.1403.276500
Fx: + 44.1403.276501
System Sensor in China
Ph: + 86.29.524.6253
Fx: + 86.29.524.6259
System Sensor in Singapore
Ph: + 65.273.2230
Fx: + 65.273.2610
System Sensor in the Far
East
Ph: + 852.21919003
Fx: + 852.27366580
System Sensor in Australia
Ph: + 613.54.281.142
Fx: + 613.54.281.172
System Sensor in India
Ph: + 91.11.558.2119
Fx: + 91.11.567.6815



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com