Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

428H4EX-3 Datasheet(PDF) 13 Page - Frequency Devices, Inc.

Part # 428H4EX-3
Description  32-Pin DIP 8-Pole Filters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

428H4EX-3 Datasheet(HTML) 13 Page - Frequency Devices, Inc.

Back Button 428H4EX-3 Datasheet HTML 9Page - Frequency Devices, Inc. 428H4EX-3 Datasheet HTML 10Page - Frequency Devices, Inc. 428H4EX-3 Datasheet HTML 11Page - Frequency Devices, Inc. 428H4EX-3 Datasheet HTML 12Page - Frequency Devices, Inc. 428H4EX-3 Datasheet HTML 13Page - Frequency Devices, Inc. 428H4EX-3 Datasheet HTML 14Page - Frequency Devices, Inc. 428H4EX-3 Datasheet HTML 15Page - Frequency Devices, Inc. 428H4EX-3 Datasheet HTML 16Page - Frequency Devices, Inc. 428H4EX-3 Datasheet HTML 17Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
8-Pole, 6-Zero
Elliptic, 1.77
Appendix A
Low-Pass
24
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com Web Address: http://www.freqdev.com
Normalized Frequency(f/fc)
Normalized Time (1/f sec)
Normalized Time (1/f sec)
Frequency Response
Delay
(Normalized)
Step Response
0.1
1.0
2
3
4 5 6 7 8 9
0.0
2.0
4.0
1.5
0.15
0.8
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7
-100
-80
-60
-40
-20
0
0
1
2
3
4
5
-0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
(sec)
Theoretical Transfer Characteristics
1
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
4.00
5.00
6.00
7.00
2.40
2.60
2.80
3.00
3.50
1.85
1.90
1.95
2.00
2.20
1.50
1.60
1.70
1.75
1.80
1.00
1.10
1.20
1.30
1.40
0.75
0.80
0.85
0.90
0.95
0.50
0.55
0.60
0.65
0.70
8.00
9.00
10.0
0.00
0.10
0.20
0.30
0.40
-86.2
-87.8
-89.3
-83.1
-82.1
-83.1
-84.6
-82.0
-83.5
-88.2
-99.9
-87.2
-83.6
-82.0
-83.7
-87.8
-85.8
-40.1
-51.5
-65.2
-75.0
-113.0
-0.035
-1.76
-8.28
-18.4
-29.3
-0.015
-0.041
-0.046
-0.016
-0.025
0.007
0.022
0.033
0.031
0.014
0.00
-0.004
-0.014
-0.024
-0.020
-160
-163
-164
-140
-148
-154
-157
-289
-295
-301
-305
-134
-440
-444
-447
-450
-280
-578
-594
-606
-611
-616
-323
-392
-467
-522
-558
-213
-232
-251
-272
-296
-133
-148
-163
-179
-196
0.00
-25.7
-51.6
-77.9
-105
0.007
0.005
0.004
0.030
0.018
0.013
0.009
0.099
0.081
0.067
0.057
0.040
0.217
0.198
0.182
0.168
0.126
0.517
0.381
0.296
0.265
0.239
1.65
2.14
1.86
1.19
0.753
0.989
1.04
1.12
1.23
1.40
0.811
0.840
0.872
0.908
0.946
0.713
0.716
0.724
0.740
0.767



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com