Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2-12MI Datasheet(PDF) 22 Page - STMicroelectronics

Part # PSD4235G2-12MI
Description  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12MI Datasheet(HTML) 22 Page - STMicroelectronics

Back Button PSD4235G2-12MI Datasheet HTML 18Page - STMicroelectronics PSD4235G2-12MI Datasheet HTML 19Page - STMicroelectronics PSD4235G2-12MI Datasheet HTML 20Page - STMicroelectronics PSD4235G2-12MI Datasheet HTML 21Page - STMicroelectronics PSD4235G2-12MI Datasheet HTML 22Page - STMicroelectronics PSD4235G2-12MI Datasheet HTML 23Page - STMicroelectronics PSD4235G2-12MI Datasheet HTML 24Page - STMicroelectronics PSD4235G2-12MI Datasheet HTML 25Page - STMicroelectronics PSD4235G2-12MI Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 93 page
background image
Preliminary Information
PSD4000 Series
19
The
PSD4000
Functional
Blocks
(cont.)
9.1.1.5.5 Data Polling Flag DQ7 (DQ15 for Motorola)
When Erasing or Programming the Flash memory bit DQ7 (DQ15) outputs the complement
of the bit being entered for Programming/Writing on DQ7 (DQ15). Once the Program
instruction or the Write operation is completed, the true logic value is read on DQ7 (DQ15)
(in a Read operation). Flash memory specific features:
t Data Polling is effective after the fourth Write pulse (for programming) or after the
sixth Write pulse (for Erase). It must be performed at the address being programmed
or at an address within the Flash sector being erased.
t During an Erase instruction, DQ7 (DQ15) outputs a ‘0’. After completion of the
instruction, DQ7 (DQ15) will output the last bit programmed (it is a ‘1’ after erasing).
t If the location to be programmed is in a protected Flash sector, the instruction is
ignored.
t If all the Flash sectors to be erased are protected, DQ7 (DQ15) will be set to ‘0’ for
about 100 µs, and then return to the previous addressed location. No erasure will be
performed.
9.1.1.5.6 Toggle Flag DQ6 (DQ14 for Motorola)
The PSD4000 offers another way for determining when the Flash memory Program
instruction is completed. During the internal Write operation and when either the FSi or
CSBOOTi is true, the DQ6 (DQ14) will toggle from ‘0’ to ‘1’ and ‘1’ to ‘0’ on subsequent
attempts to read any word of the memory.
When the internal cycle is complete, the toggling will stop and the data read on the
Data Bus is the addressed memory location. The device is now accessible for a new
Read or Write operation. The operation is finished when two successive reads yield the
same output data. Flash memory specific features:
t The Toggle bit is effective after the fourth Write pulse (for programming) or after the
sixth Write pulse (for Erase).
t If the location to be programmed belongs to a protected Flash sector, the instruction
is ignored.
t If all the Flash sectors selected for erasure are protected, DQ6 (DQ14) will toggle to
‘0’ for about 100 µs and then return to the previous addressed location.
9.1.1.5.7 Error Flag DQ5 (DQ14 for Motorola)
During a correct Program or Erase, the Error bit will set to ‘0’. This bit is set to ‘1’ when
there is a failure during Flash programming, Sector erase, or Bulk Erase.
In the case of Flash programming, the Error Bit indicates the attempt to program a Flash
bit(s) from the programmed state (0) to the erased state (1), which is not a valid operation.
The Error bit may also indicate a timeout condition while attempting to program a word.
In case of an error in Flash sector erase or word program, the Flash sector in which the
error occurred or to which the programmed location belongs must no longer be used.
Other Flash sectors may still be used. The Error bit resets after the Reset instruction. A
reset instruction is required after detecting the error bit.
9.1.1.5.8
Erase Time-out Flag DQ3 (DQ11 for Motorola)
The Erase Timer bit reflects the time-out period allowed between two consecutive Sector
Erase instructions. The Erase timer bit is set to ‘0’ after a Sector Erase instruction for a
time period of 100 µs + 20% unless an additional Sector Erase instruction is decoded.
After this time period or when the additional Sector Erase instruction is decoded, DQ3
(DQ11) is set to ‘1’. A reset instruction is required after detecting the erase timer bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com