Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D100L8B Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # D100L8B
Description  4- and 8- Pole Low-Pass Filters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D100L8B Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  D100L8B Datasheet HTML 1Page - Frequency Devices, Inc. D100L8B Datasheet HTML 2Page - Frequency Devices, Inc. D100L8B Datasheet HTML 3Page - Frequency Devices, Inc. D100L8B Datasheet HTML 4Page - Frequency Devices, Inc. D100L8B Datasheet HTML 5Page - Frequency Devices, Inc. D100L8B Datasheet HTML 6Page - Frequency Devices, Inc. D100L8B Datasheet HTML 7Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
D100L Series
100 Hz to 100 kHz
Low Noise Fixed Frequency
4- and 8- Pole
Low-Pass Filters
2
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
D100L4B
D100L4L
D100L8B
D100L8L
Product Specifications
Transfer Function
4-Pole Butterworth
4-Pole Bessel
8-Pole Butterworth
8-Pole Bessel
Size
1.8” x 0.8” x 0.3”
1.8” x 0.8” x 0.3”
1.8” x 0.8” x 0.3”
1.8” x 0.8” x 0.3”
Range fc
100 Hz to 100 kHz
100 Hz to 100 kHz
100 Hz to 100 kHz
100 Hz to 100 kHz
Theoretical Transfer
Characteristics
Appendix A
Page 7
Appendix A
Page 2
Appendix A
Page 9
Appendix A
Page 4
Passband Ripple
(theoretical)
0.0 dB
0.0 dB
0.0 dB
0.0 dB
DC Voltage Gain
(non-inverting)
0
± 0.2 dB typ.
0
± 0.4 dB max.
0
± 0.2 dB typ.
0
± 0.4 dB max.
0
± 0.2 dB typ.
0
± 0.4 dB max.
0
± 0.2 dB typ.
0
± 0.4 dB max.
Stopband
Attenuation Rate
24 dB/octave
24 dB/octave
48 dB/octave
48 dB/octave
Cutoff Frequency
fc
± 1% max.
fc
± 1% max.
fc
± 1% max.
fc
± 1% max.
Stability
± 0.01%/°C
± 0.01%/°C
± 0.01%/°C
± 0.01%/°C
Amplitude
-3 dB
-3 dB
-3 dB
-3 dB
Phase
-180
°
-121
°
-360
°
-182
°
Filter Attenuation
(theoretical)
0.67 dB
0.80 fc
1.86 dB
0.80 fc
0.12 dB
0.80 fc
1.91 dB
0.80 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
30.0 dB
2.37 fc
30.0 dB
3.50 fc
60.0 dB
2.37 fc
60.0 dB
4.52 fc
40.0 dB
3.16 fc
40.0 dB
4.72 fc
80.0 dB
3.16 fc
80.0 dB
6.07 fc
Phase Match
1
0 – fc ± 2.0° max
0 – fc ± 2.0° max
0 – fc ± 2.0° max
0 – fc ± 2.0° max
± 1.0° typ
± 1.0° typ
± 1.0° typ
± 1.0° typ
Amplitude Accuracy
0 – fc ±0.2 dB max
0 – fc ±0.2 dB max
0 – fc ±0.2 dB max
0 – fc ±0.2 dB max
(theoretical)
±0.1 dB typ
±0.1 dB typ
±0.1 dB typ
±0.1 dB typ
(THD) Total Harmonic
Distortion @ 10 Vp-p
F
C ≤1.0 kHz
F
C ≤20 kHz
<-120 dB max.
<-120 dB max.
<-120 dB max.
<-120 dB max.
<-120 dB max.
<-120 dB max.
<-120 dB max.
<-120 dB max.
F
C ≤100 kHz
<-110 dB max.
<-110 dB max.
<-105 dB max.
<-105 dB max.
Narrow Band Noise
100 kHz BW @ 20V p-p
(
µV rms)
(
µV rms)
(
µV rms)
(
µV rms)
F
C ≤1.0 kHz
F
C ≤20 kHz
7.0 typ., 12 max.
7.0 typ., 12 max.
7.0 typ., 12 max.
7.0 typ., 12 max.
12 typ., 22 max.
12 typ., 22 max.
12 typ., 22 max.
12 typ., 22 max.
F
C ≤100 kHz
22 typ., 40 max.
22 typ., 40 max.
40 typ., 70 max.
40 typ., 70 max.
Filter Mounting
Assembly
2
FMA-01S
FMA-01S
FMA-01S
FMA-01S
1.
Unit to unit match for the same transfer function, set to the same frequency and operating configuration, and from the same manufacturing lot.
2.
Use I/O jumpers to bypass input and output buffers, for low noise operation. With FMA, D100 distortion specs at 50k to 100kHz may degrade slightly.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com