Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPPDB-01 Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # SPPDB-01
Description  Development Board & Mounting Assembly for SPP-01 Series Products
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

SPPDB-01 Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  SPPDB-01 Datasheet HTML 1Page - Frequency Devices, Inc. SPPDB-01 Datasheet HTML 2Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPPDB-01 Development Board
& Mounting Assembly
for SPP-01 Series Products
2
25 Locust St., Haverhill, Massachusetts 01830
• Tel: 800/252-7074, 978/374-0761 • FAX:978/521-1839
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Locking lever
Manual Select
Computer
Select
off
1
10
S2 Manual Program
Select Switch
R
S
2
3
2
Output
1
SPP Platform
placement
into
zero insertion
force socket
Output
2
Input +1
Input -1
Input +2
Input -2
+15V AGnd -15V
+5V DGnd
Computer Select
2
1
14
13
2
1
14
13
S1
4.50"
4.50"
BNC
BNC
BNC
BNC
BNC
BNC
BNC
BNC
Digital Data Out
J1
J2
J3
1
0
0.75" (4 places)
0.38"
1.21"
1.21"
1.00"
0.40"
1.20"
0.60"
0.58"
SPPXX 2" X 2"
0.40"
1.00"
0.66"
0.10" from corners
0.10" dia. 4 places
0.18"
0.12"
0.18"
SPPDB-01
DEVELOPMENT BOARD AND
MOUNTING PLATFORM FOR
SPP-01 PRODUCT FAMILIES.
Row U
Row W
Row C
Column 21
Column 2
Pins
Plugged holes
Empty holes
Note
Row L
Row A
Row B
Column 1
Column 18
Column 6
Column 12
Socket pin-out information
J1 (Digital Data output port)
1
SCLK (Serial Clock)
2
LRCK (Left / Right Clock)
3
SDOUT (Serial Data Out)
4
MCLK (Master Clock)
5-15
All Grounds
J2 (Computer Select)
1 to 10 D0 to D9 (Program select
Port) for SPP-01 series products.
11 to 12
Grounds
13 to 14
No connects
J3 (RS-232 Program port)
1,4 to 9
All Grounds
2
Receive
3
Transmit
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to
be true and accurate. Please read all statements, recommendations or suggestions herein in conjunction with our conditions of sale which apply to
all goods supplied by us. We assume no responsibility for the use of these statements, recommendations or suggestions, nor do we intend them
as a recommendation for any use which would infringe any patent or copyright.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com