Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4007EGN Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4007EGN
Description  4A, High Efficiency, Standalone Li-Ion Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4007EGN Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4007EGN Datasheet HTML 16Page - Linear Technology LTC4007EGN Datasheet HTML 17Page - Linear Technology LTC4007EGN Datasheet HTML 18Page - Linear Technology LTC4007EGN Datasheet HTML 19Page - Linear Technology LTC4007EGN Datasheet HTML 20Page - Linear Technology LTC4007EGN Datasheet HTML 21Page - Linear Technology LTC4007EGN Datasheet HTML 22Page - Linear Technology LTC4007EGN Datasheet HTML 23Page - Linear Technology LTC4007EGN Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LTC4007
4007fa
APPLICATIO S I FOR ATIO
Figure 11. Circuit Application (16.8V/3A) to Automatically Trickle Charge Depleted Batteries
3C4C
CHEM
LOBAT
ICL
ACP
SHDN
FAULT
CHG
FLAG
NTC
RT
LOBAT
ICL
ACP
SHDN
FAULT
CHG
FLAG
DCIN
INFET
CLP
CLN
TGATE
BGATE
PGND
CSP
BAT
PROG
ITH
GND
LTC4007
R9 32.4k 1%
RT
309k
1%
C7
0.47
µF
THERMISTOR
TIMING RESISTOR
(~2 HOURS)
R12
100k
R11
100k
R10
100k
VLOGIC
*
*
DCIN
0V TO 20V
3A
C1
0.1
µF
Q3
INPUT SWITCH
C4
15nF
Q1
Q2
D1
C2
20
µF
L1
15
µH 3A
R1
4.99k
1%
R4
3.01k
1%
R5 3.01k 1%
RSENSE
0.033
Ω
1%
RCL
0.033
Ω
1%
C3
20
µF
*PIN OPEN
D1: MBRM140T3
Q1: Si4431ADY
Q2: FDC645N
Q4: 2N7002 OR BSS138
BAT
MONITOR
(CHARGING
CURRENT
MONITOR)
SYSTEM
LOAD
C6
0.12
µF
R7
6.04k
1%
R14
52.3k
1%
C5
0.0047
µF
4007 F11
R6
26.7k
1%
Q4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com