Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MGH2805S/883 Datasheet(PDF) 4 Page - Crane Aerospace & Electronics.

Part # MGH2805S/883
Description  MCH/MGH Single and Dual DC/DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MGH2805S/883 Datasheet(HTML) 4 Page - Crane Aerospace & Electronics.

  MGH2805S/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. MGH2805S/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. MGH2805S/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MGH2805S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MGH2805S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MGH2805S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MGH2805S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MGH2805S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MGH2805S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MCH/MGH Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 4 of 18
Rev E - 20060508
www.craneae.com
28 VOLT INPUT – 1.5 WATT
Pin
Single Output
Dual Output
1
Positive Input
Positive Input
2
Input Common
Input Common
3
Positive Output
Positive Output
4
Output Common
Output Common
5
Case Ground
Case Ground
6
No connection
Negative Output
7
Inhibit
Inhibit
FIGURE 3: MCH PIN OUT
Squared corner and dot on
top of cover indicate pin one.
14
75
23
6
See case A2 for dimensions.
PIN OUT MCH MODELS
PINS NOT IN USE
Inhibit (INH1, INH2)
Leave unconnected
Pin 2, 12, 15, 16, 17
Ground to input common
(pins with no connection)
FIGURE 4: MGH PIN OUT
1
2
3
4
5
6
8
9
7
18
17
16
15
14
13
12
11
10
TOP VIEW
MGH
Differently colored glass bead around pin one or dimple in
header (bottom or side of case) indicates pin one.
Cover marking is oriented with pin one at the upper right corner.
See case B for dimensions and “gull-wing” option.
Pin
Single Output
Dual Output
1
Positive Input
Positive Input
2
No connection
No connection
3
Input Common
Input Common
4, 5
Positive Output
Positive Output
6, 7
Case Ground
Case Ground
8, 9
Output Common
Output Common
10, 11
Case Ground
Case Ground
12
No connection
No connection
13, 14
No connection
Negative Output
15, 16, 17
No connection
No connection
18
Inhibit
Inhibit
To meet specified performance, all pins must
be connected except “No Connection” pins.
PIN OUT MGH MODELS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com