Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCH2805S/883 Datasheet(PDF) 16 Page - Crane Aerospace & Electronics.

Part # MCH2805S/883
Description  MCH/MGH Single and Dual DC/DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MCH2805S/883 Datasheet(HTML) 16 Page - Crane Aerospace & Electronics.

Back Button MCH2805S/883 Datasheet HTML 10Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 11Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 12Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 13Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 14Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 15Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 16Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 17Page - Crane Aerospace & Electronics. MCH2805S/883 Datasheet HTML 18Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MCH/MGH Single and Dual DC/DC Converter Cases
Crane Aerospace & Electronics Power Solutions
Page 16 of 18
Rev E - 20060508
www.craneae.com
28 VOLT INPUT – 1.5 WATT
Gull Wing Leads
Option
0.135 ref. (3.43)
Gull wing leads are solder dipped.
Lead dimensions are prior to solder dip.
0.08
(2.0)
0.010 (0.25)
Bottom of case to
bottom of lead
0.055
(1.40)
0.070
(1.78)
0.08 (2.0)
1.140 ref. (28.96)
1
1
TOP VIEW CASE B
Seal hole: 0.040 ±0.002 (1.02 ±0.05)
0.880 max
(22.35)
1.010 max
(25.65)
0.010
(0.25)
1.870 ref. (47.50)
0.015
(0.38)
0.010
(0.25)
0.900 (22.86)
0.800 (20.32)
0.700 (17.78)
0.600 (15.24)
0.500 (12.70)
0.400 (10.16)
0.300 ( 7.62)
Differently colored glass bead around pin one or dimple in
header (bottom or side of case) indicates pin one.
Cover marking is oriented with pin one at the upper right corner.
1
2
3
4
5
6
8
9
7
18
17
16
15
14
13
12
11
10
0.000
Straight Leads
0.50
(12.7)
0.250 max.
(6.35)
0.200 ( 5.08)
0.100 ( 2.54)
Seam seal
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Maximum reflow temperature is 220°C for a maximum of 30 seconds. SN60,
SN62, or SN63 are the recommended types of solder. See case B Solder Pads
for Solder Mask instructions.
Hand soldering should not exceed 300°C for 10 seconds per pin.
Materials
Header
Kovar/Nickel/Gold
Cover
Kovar/Nickel
Pins
Kovar/Nickel/Gold matched glass seal
Case B, Rev C, November 9, 2005
Please refer to the numerical dimensions for accuracy. All information is believed to be
accurate, but no responsibility is assumed for errors or omissions. Interpoint reserves the right
to make changes in products or specifications without notice. Copyright © 1999-2006 Interpoint
Corp. All rights reserved.
(This view shows
straight leads.)
FIGURE 34: CASE B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com