Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTR283R3S/883 Datasheet(PDF) 9 Page - Crane Aerospace & Electronics.

Part # MTR283R3S/883
Description  MTR Single, Dual and Triple DC/DC Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MTR283R3S/883 Datasheet(HTML) 9 Page - Crane Aerospace & Electronics.

Back Button MTR283R3S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 10Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 11Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 12Page - Crane Aerospace & Electronics. MTR283R3S/883 Datasheet HTML 13Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MTR Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 9 of 19
Rev G - 20060505
www.craneae.com
28 VOLT INPUT – 30 WATT
Typical Performance Curves: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
50μs/div
16 TO 40V
MTR2805S STEP LINE RESPONSE
VIN
VOUT
FIGURE 12
50μs/div
50%
100%
MTR2805S STEP LOAD RESPONSE
25W to 12.5W
12.5W to 25W
FIGURE 13
FIGURE 14
50μs/div
10%
100%
MTR2805S STEP LOAD RESPONSE
25W to 2.5W
2.5W to 25W
FIGURE 9
FIGURE 11
OUTPUT POWER (Watts)
MTR2812D EFFICIENCY
60
85
80
75
70
65
5
101520
16V
40V
28V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
FREQUENCY (kHz)
AUDIO REJECTION, MTR SERIES
OUTPUT POWER (Watts)
MTR2805S EFFICIENCY
60
85
80
75
70
65
5
10152025
16V
40V
28V
FIGURE 6
OUTPUT POWER (Watts)
MTR2812S EFFICIENCY
60
85
80
75
70
65
5
16V
28V
40V
10
15
20
FIGURE 7
OUTPUT POWER (Watts)
MTR2815D EFFICIENCY
65
90
85
80
75
70
5
101520
40V
28V
16V
FIGURE 10
FIGURE 8
OUTPUT POWER (Watts)
MTR2815S EFFICIENCY
62
87
82
77
72
67
5
16V
28V
40V
10
15
20
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com