Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTR2805S/883 Datasheet(PDF) 14 Page - Crane Aerospace & Electronics.

Part # MTR2805S/883
Description  MTR Single, Dual and Triple DC/DC Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MTR2805S/883 Datasheet(HTML) 14 Page - Crane Aerospace & Electronics.

Back Button MTR2805S/883 Datasheet HTML 10Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 11Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 12Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 13Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 14Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 15Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 16Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 17Page - Crane Aerospace & Electronics. MTR2805S/883 Datasheet HTML 18Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MTR Single, Dual and Triple DC/DC Converter Cases
Crane Aerospace & Electronics Power Solutions
Page 14 of 19
Rev G - 20060505
www.craneae.com
28 VOLT INPUT – 30 WATT
0.160 (4.06)
0.960 (24.38)
0.000
1.120 max. (28.45)
1
2
6
10
BOTTOM VIEW CASE H4
3
4
5
7
8
9
Solder Seal
0.040 dia
(1.02)
Solder Tip-off
Dot on top of case indicates pin one
Seal hole: 0.091 ±0.005 (2.31 ±0.13)
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Tin
Cover
Cold Rolled Steel/Nickel/Tin
Pins
#52 alloy compression glass seal
Case H4, Rev C - 20060110
Please refer to the numerical dimensions for accuracy. All information is believed to be accurate,
but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make
changes in products or specifications without notice.
Copyright © 1999-2006 Interpoint Corp. All rights reserved.
FIGURE 34: CASE H4 – DUAL MODELS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com