Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTR2812S/883 Datasheet(PDF) 15 Page - Crane Aerospace & Electronics.

Part # MTR2812S/883
Description  MTR Single, Dual and Triple DC/DC Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MTR2812S/883 Datasheet(HTML) 15 Page - Crane Aerospace & Electronics.

Back Button MTR2812S/883 Datasheet HTML 11Page - Crane Aerospace & Electronics. MTR2812S/883 Datasheet HTML 12Page - Crane Aerospace & Electronics. MTR2812S/883 Datasheet HTML 13Page - Crane Aerospace & Electronics. MTR2812S/883 Datasheet HTML 14Page - Crane Aerospace & Electronics. MTR2812S/883 Datasheet HTML 15Page - Crane Aerospace & Electronics. MTR2812S/883 Datasheet HTML 16Page - Crane Aerospace & Electronics. MTR2812S/883 Datasheet HTML 17Page - Crane Aerospace & Electronics. MTR2812S/883 Datasheet HTML 18Page - Crane Aerospace & Electronics. MTR2812S/883 Datasheet HTML 19Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
MTR Single, Dual and Triple DC/DC Converter Cases
Crane Aerospace & Electronics Power Solutions
Page 15 of 19
Rev G - 20060505
www.craneae.com
28 VOLT INPUT – 30 WATT
FIGURE 35: CASE J1 – TRIPLE MODELS
0.040 dia.
(1.02)
Platform
Seam Seal
10
9876
12345
0.170
(4.32)
0.000
1.170 (29.72)
0.670
(17.02)
0.162 dia
(4.11)
Flanged cases: Designator "F" required in Case Option position of model number.
BOTTOM VIEW CASE J1
Squared corner and dot on top
of case indicate pin one.
Seal hole: 0.12 ±0.0021
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold ceramic seal
Case J1, Rev C, 20060109 MHV only.
Please refer to the numerical dimensions for accuracy. All information is believed to be accurate,
but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make
changes in products or specifications without notice.
Copyright © 1999-2006 Interpoint Corp. All rights reserved.
Flange thickness: 0.060 (1.52)
2.720 max
(69.09)
1.350 max. (34.29)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com