Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74AC00 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74AC00
Description  Quad 2-Input NAND Gate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AC00 Datasheet(HTML) 1 Page - Texas Instruments

  74AC00 Datasheet HTML 1Page - Texas Instruments 74AC00 Datasheet HTML 2Page - Texas Instruments 74AC00 Datasheet HTML 3Page - Texas Instruments 74AC00 Datasheet HTML 4Page - Texas Instruments 74AC00 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS223
Features
• Typical Propagation Delay
- 3.2ns at VCC = 5V, TA = 25
oC, C
L = 50pF
• Exceeds 2kV ESD Protection MIL-STD-883, Method
3015
• SCR-Latchup-Resistant CMOS Process and Circuit
Design
• Speed of Bipolar FAST™/AS/S with Significantly
Reduced Power Consumption
• Balanced Propagation Delays
• AC Types Feature 1.5V to 5.5V Operation and
Balanced Noise Immunity at 30% of the Supply
•
±24mA Output Drive Current
- Fanout to 15 FAST™ ICs
- Drives 50
Ω Transmission Lines
Description
The CD74AC00 and CD74ACT00 are quad 2-input NAND
gates that utilize the Harris Advanced CMOS Logic technology.
Pinout
CD74AC00, CD74ACT00
(PDIP, SOIC)
TOP VIEW
Functional Diagram
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CD74AC00E
-55 to 125
14 Ld PDIP
E14.3
CD74ACT00E
-55 to 125
14 Ld PDIP
E14.3
CD74AC00M
-55 to 125
14 Ld SOIC
M14.15
CD74ACT00M
-55 to 125
14 Ld SOIC
M14.15
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer and die for this part number is available which meets all elec-
trical specifications. Please contact your local sales office or Harris
customer service for ordering information.
1A
1B
1Y
2A
2B
2Y
GND
VCC
4A
4B
4Y
3A
3B
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
TRUTH TABLE
INPUTS
OUTPUTS
AB
Y
LL
H
HLH
LH
H
HH
L
1A
1B
2A
2B
3B
3A
4B
4A
1
2
4
5
9
10
12
13
3
6
8
11
1Y
2Y
3Y
4Y
GND = 7
VCC = 14
September 1998
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a Trademark of Fairchild Semiconductor.
Copyright
© Harris Corporation 1998
CD74AC00,
CD74ACT00
Quad 2-Input NAND Gate
File Number
1855.1
[ /Title
(CD74
AC00,
CD74
ACT00
)
/Sub-
ject
(Quad
2-Input
NAND
Gate)
/Autho
r ()
/Key-
words
(Har-
ris
Semi-
con-
ductor,
Advan
ced
CMOS
, Harris
Semi-
con-
ductor,
Advan
ced
TTL)
/Cre-
ator ()


Similar Part No. - 74AC00

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74AC00 MOTOROLA-74AC00 Datasheet
126Kb / 5P
QUAD 2-INPUT NAND GATE
logo
STMicroelectronics
74AC00 STMICROELECTRONICS-74AC00 Datasheet
182Kb / 8P
QUAD 2-INPUT NAND GATE
Apr-2001
logo
Fairchild Semiconductor
74AC00 FAIRCHILD-74AC00 Datasheet
104Kb / 7P
Quad 2-Input NAND Gate
logo
Hitachi Semiconductor
74AC00 HITACHI-74AC00 Datasheet
43Kb / 7P
Quad 2-Input NAND Gate
logo
Fairchild Semiconductor
74AC00 FAIRCHILD-74AC00 Datasheet
307Kb / 10P
Quad 2-Input NAND Gate
More results

Similar Description - 74AC00

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
Quad 2-Input NAND Gate
logo
NXP Semiconductors
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
Quad 2-input NAND gate
1995 Sep 18
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
Quad 2-input NAND gate
1999 Sep 23
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
Quad 2-input NAND gate
1990 Oct 04
logo
STMicroelectronics
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
QUAD 2-INPUT NAND GATE
Apr-1997
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
QUAD 2-INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
QUAD 2 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS00A FAIRCHILD-DM74ALS00A Datasheet
60Kb / 5P
Quad 2-Input NAND Gate
logo
KODENSHI_AUK CORP.
KK74HC00A KODENSHI-KK74HC00A Datasheet
235Kb / 5P
Quad 2-Input NAND Gate
logo
Renesas Technology Corp
HD74AC00 RENESAS-HD74AC00 Datasheet
101Kb / 7P
Quad 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com