Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTO1212TF Datasheet(PDF) 2 Page - Crane Aerospace & Electronics.

Part # MTO1212TF
Description  DC/DC CONVERTERS 12 & 28 VOLT INPUT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MTO1212TF Datasheet(HTML) 2 Page - Crane Aerospace & Electronics.

  MTO1212TF Datasheet HTML 1Page - Crane Aerospace & Electronics. MTO1212TF Datasheet HTML 2Page - Crane Aerospace & Electronics. MTO1212TF Datasheet HTML 3Page - Crane Aerospace & Electronics. MTO1212TF Datasheet HTML 4Page - Crane Aerospace & Electronics. MTO1212TF Datasheet HTML 5Page - Crane Aerospace & Electronics. MTO1212TF Datasheet HTML 6Page - Crane Aerospace & Electronics. MTO1212TF Datasheet HTML 7Page - Crane Aerospace & Electronics. MTO1212TF Datasheet HTML 8Page - Crane Aerospace & Electronics. MTO1212TF Datasheet HTML 9Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TYPICAL CHARACTERISTICS
INHIBIT
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
Inhibit TTL Open Collector
• Logic low (output disabled)
V = <0.8 V
Inhibit pin current < 2.0 mA
• Referenced to input common
• Logic high (output enabled)
Unconnected or connected to Vin
Output Power
• 15 watts
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –65°C to +125°C
B4-24
MTO SERIES
15 WATT
DC/DC CONVERTERS
Output Voltage Temperature Coefficient
• 150 ppm/°C typical
Input to Output Capacitance
• 80 pF typical
Current Limit
• 125% of full load typical
Isolation
• 100 megohm minimum at 500 V
Conversion Frequency
• 250 kHz typical
Inhibit Pin Voltage (unit enabled)
• 10 V typical
Input Voltage Range
• MTO12XXT 9 to 16 VDC continuous
• MTO28XXT 16 to 36 VDC continuous
• MTO12XXT 25 V for 50 msec transient
• MTO28XXT 50 V for 50 msec transient
Case Operating Temperature (Tc)
• –55°C to +85°C full power
• –55°C to +115°C absolute
Derating Output Power/Current
• Linearly from 100% at 85°C to 0% at 115° C
Note
1. Minimum load required for full output capability on auxiliary outputs. Minimum current can be reduced when dual outputs are used at reduced loads.
MTO1212T
MTO1215T
MTO2812T
MTO2815T
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
MAIN
4.95
5.0
5.05
4.95
5.0
5.05
4.95
5.0
5.05
4.95
5.0
5.05
OUTPUT VOLTAGE
+ AUXILIARY
11.88
12.0
12.12
14.85
15.0
15.15
11.88
12.0
12.12
14.85
15.0
15.15
VDC
– AUXILIARY
11.88
12.0
12.12
14.85
15.0
15.15
11.88
12.0
12.12
14.85
15.0
15.15
OUTPUT CURRENT
MAIN1
100
—
2000
100
—
2000
100
—
2000
100
—
2000
mA
AUXILIARY
—
—
±208
—
—
±167
—
—
±208
—
—
±167
MAIN
—
—
10.0
—
—
10.0
—
—
10.0
—
—
10.0
OUTPUT POWER
+ AUXILIARY
—
—
2.5
—
—
2.5
—
—
2.5
—
—
2.5
W
– AUXILIARY
—
—
2.5
—
—
2.5
—
—
2.5
—
—
2.5
TOTAL
—
—15
—
—
15—
—
15
—
—
15
OUTPUT RIPPLE
MAIN
—
—
80
—
—
80
—
—
80
—
—
80
VOLTAGE, BW = 1 MHZ
± AUXILIARY
—
—
30
—
—
30
—
—
30
—
—
30
mV p-p
LINE REGULATION
MAIN
—
5
10
—
5
10
—
5
10
—
5
10
mV
Vin = MIN. TO MAX.
±AUXILIARY
—
30
48
—
30
60
—
30
48
—
30
60
LOAD REGULATION
MAIN
—
10
20
—
10
20
—
10
20
—
10
20
mV
NO LOAD TO FULL
± AUXILIARY
—
30
48
—
30
60
—
30
48
—
30
60
INPUT VOLTAGE
CONTINUOUS
9
12
16
9
12
16
16
28
36
16
28
36
VDC
TRANSIENT 50 ms
—
—
25
—
—
25
—
—
50
—
—
50
V
NO LOAD
—
—
60
—
—
60
—
—
30
—
—
30
INPUT CURRENT
FULL LOAD
—
—
1670
—
—
1670
—
—
700
—
—
700
mA
INHIBITED
—
8
10
—
8
10
—
8
10
—
8
10
INPUT RIPPLE
CURRENT
—
50
100
—
50
100
—
20
50
—
20
50
mA p-p
EFFICIENCY
76
79
—
76
79
—
76
79
—
76
79
—
%
Electrical Characteristics: 25°C Tc, 28 VDC Vin (12 VDC for 12V models), 100% load, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com