Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC3170 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2SC3170
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC3170 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SC3170 Datasheet HTML 1Page - Savantic, Inc. 2SC3170 Datasheet HTML 2Page - Savantic, Inc. 2SC3170 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC3170
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.2A , L=25mH
400
V
VCEsat
Collector-emitter saturation voltage
IC=3A ;IB=0.6A
1.0
V
VBEsat
Base-emitter saturation voltage
IC=3A ;IB=0.6A
1.5
V
ICBO
Collector cut-off current
VCB=500V; IE=0
100
µA
IEBO
Emitter cut-off current
VEB=5V; IC=0
100
µA
hFE-1
DC current gain
IC=0.1A ; VCE=5V
15
hFE-2
DC current gain
IC=3A ; VCE=5V
8
fT
Transition frequency
IC=0.5A ; VCE=10V
8
MHz
Switching times
ton
Turn-on time
1.0
µs
tstg
Storage time
3.0
µs
tf
Fall time
IC=3A ; IB1=-IB2=0.6A
VCC=100V
1.0
µs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com