Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY74FCT240TQSOP Datasheet(PDF) 1 Page - Texas Instruments

Part # CY74FCT240TQSOP
Description  8-Bit Buffers/Line Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT240TQSOP Datasheet(HTML) 1 Page - Texas Instruments

  CY74FCT240TQSOP Datasheet HTML 1Page - Texas Instruments CY74FCT240TQSOP Datasheet HTML 2Page - Texas Instruments CY74FCT240TQSOP Datasheet HTML 3Page - Texas Instruments CY74FCT240TQSOP Datasheet HTML 4Page - Texas Instruments CY74FCT240TQSOP Datasheet HTML 5Page - Texas Instruments CY74FCT240TQSOP Datasheet HTML 6Page - Texas Instruments CY74FCT240TQSOP Datasheet HTML 7Page - Texas Instruments CY74FCT240TQSOP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
8-Bit Buffers/Line Drivers
CY54/74FCT240T
CY54/74FCT244T
SCCS017 - May 1994 - Revised February 2000
Copyright
© 2000, Texas Instruments Incorporated
Features
• Function, pinout, and drive compatible with FCT and
F logic
• FCT-D speed at 3.6 ns max. (Com’l FCT244 only),
FCT-C speed at 4.1 ns max. (Com’l),
FCT-A speed at 4.8 ns max. (Com’l)
• Reduced VOH (typically = 3.3V) versions of equivalent
FCT functions
• Edge-rate control circuitry for significantly improved
noise characteristics
• Power-off disable feature
• ESD > 2000V
• Matched rise and fall times
• Fully compatible with TTL input and output logic levels
• Extended commercial range of
−40˚C to +85˚C
• Sink current
64 mA (Com’l), 48 mA (Mil)
Source current
32 mA (Com’l), 12 mA (Mil)
Functional Description
The FCT240T and FCT244T are octal buffers and line drivers
designed to be employed as memory address drivers, clock
drivers, and bus-oriented transmitters/receivers. The devices
provide speed and drive capabilities equivalent to their fastest
bipolar logic counterparts while reducing power consumption. The
input and output voltage levels allow direct interface with TTL,
NMOS, and CMOS devices without external components.
The outputs are designed with a power-off disable feature to
allow for live insertion of boards.
Logic Block Diagram
FCT240T–2
4
8
9
10
11
12
76 5
1516 17 18
3
2
1
20
13
14
19
DB3
VCC
GND
Top View
LCC
OEA
FCT240T–1
DA0
OB0
OB3
DB2
OA3
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
13
14
OEA
DA0
OB0
DA1
OB1
DA2
DA3
GND
VCC
FCT240T–3
15
DIP/SOIC/QSOP
Top View
OEB
OB2
OB3
OEB
OA0
OA2
DB2
DB3
OA3
DB0
OA1
DB1
OEB
OEA
DA0
OB0
DA1
OB1
DA2
DA3
OB2
OB3
OA0
OA2
DB2
DB3
OA3
DB0
OA1
DB1
Pin Configurations
4
8
9
10
11
12
76 5
1516 17 18
3
2
1
20
13
14
19
DB3
VCC
GND
Top View
LCC
OEA
DA0
OB0
OB3
DB2
OA3
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
13
14
OEA
DA0
OB0
DA1
OB1
DA2
DA3
GND
VCC
15
DIP/SOIC/QSOP
Top View
OEB
OB2
OB3
OEB
OA0
OA2
DB2
DB3
OA3
DB0
OA1
DB1
OEB
OEA
DA0
OB0
DA1
OB1
DA2
DA3
OB2
OB3
OA0
OA2
DB2
DB3
OA3
DB0
OA1
DB1
FCT240T–4
FCT240T–5
FCT240T–6
FCT240T
FCT240T
FCT244T
FCT244T
FCT240T
FCT244T


Similar Part No. - CY74FCT240TQSOP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT240TQCT TI-CY74FCT240TQCT Datasheet
150Kb / 11P
8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY74FCT240TQCT TI-CY74FCT240TQCT Datasheet
689Kb / 21P
8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY74FCT240TQCTE4 TI-CY74FCT240TQCTE4 Datasheet
689Kb / 21P
8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY74FCT240TQCTG4 TI-CY74FCT240TQCTG4 Datasheet
689Kb / 21P
8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT240TQSOP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F827SDM NSC-54F827SDM Datasheet
164Kb / 8P
10-Bit Buffers/Line Drivers
logo
Texas Instruments
CY5474FCT540T TI-CY5474FCT540T Datasheet
82Kb / 8P
8-Bit Buffers/Line Drivers
CY74FCT16240T TI-CY74FCT16240T Datasheet
127Kb / 11P
16-Bit Buffers/Line Drivers
CY74FCT16244T TI-CY74FCT16244T Datasheet
64Kb / 8P
16-Bit Buffers/Line Drivers
CY74FCT163244 TI-CY74FCT163244 Datasheet
63Kb / 7P
16-Bit Buffers/Line Drivers
CY74FCT16827T TI-CY74FCT16827T Datasheet
62Kb / 7P
20-Bit Buffers/Line Drivers
CY74FCT2240T TI-CY74FCT2240T Datasheet
57Kb / 6P
8-Bit Buffers/Line Drivers
logo
Fairchild Semiconductor
74F827 FAIRCHILD-74F827 Datasheet
66Kb / 7P
10-Bit Buffers/Line Drivers
logo
List of Unclassifed Man...
QS5244 ETC1-QS5244 Datasheet
227Kb / 4P
LOW SKEW CMOS 8-BIT BUFFERS / LINE DRIVERS
logo
Texas Instruments
CY74FCT16240T TI1-CY74FCT16240T_15 Datasheet
476Kb / 13P
16-Bit Buffers/Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com