Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LF411CDR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LF411CDR
Description  JFET-INPUT OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LF411CDR Datasheet(HTML) 2 Page - Texas Instruments

  LF411CDR Datasheet HTML 1Page - Texas Instruments LF411CDR Datasheet HTML 2Page - Texas Instruments LF411CDR Datasheet HTML 3Page - Texas Instruments LF411CDR Datasheet HTML 4Page - Texas Instruments LF411CDR Datasheet HTML 5Page - Texas Instruments LF411CDR Datasheet HTML 6Page - Texas Instruments LF411CDR Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LF411
JFET-INPUT OPERATIONAL AMPLIFIER
SLOS011C – MARCH 1987 – REVISED OCTOBER 1997
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC+
18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VCC–
– 18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID
±30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (see Note 1)
±15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of output short circuit
Unlimited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
500 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
197
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
P package
104
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTES:
1. Unless otherwise specified, the absolute maximum negative input voltage is equal to the negative power supply voltage.
2. The package thermal impedance is calculated in accordance with JESD 51, except for through-hole packages, which use a trace
length of zero.
recommended operating conditions
C SUFFIX
I SUFFIX
UNIT
MIN
MAX
MIN
MAX
UNIT
Supply voltage, VCC +
3.5
18
3.5
18
V
Supply voltage, VCC –
– 3.5
–18
– 3.5
–18
V
Operating free-air temperature, TA
0
70
–40
–85
°C
electrical characteristics over operating free-air temperature range, VCC± = ±15 V (unless otherwise
specified)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
PARAMETER
TEST CONDITIONS
LF411C
LF411I
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIC = 0,
RS = 10 kΩ
25
°C
25
°C
0.8
2
mV
αVIO
Average temperature coeffi-
cient of input offset voltage
VIC = 0,
RS = 10 kΩ
10
20†
µV/°C
IIO
Inp t offset c rrent‡
VIC =0
25
°C
25
°C
25
100
pA
IIO
Input offset current‡
VIC = 0
70
°C
85
°C
2
nA
IIB
Inp t bias c rrent‡
VIC =0
25
°C
25
°C
50
200
pA
IIB
Input bias current‡
VIC = 0
70
°C
85
°C
4
nA
VICR
Common-mode input voltage
range
±11
–11.5
to
14.5
V
VOM
Maximum peak output-voltage
swing
RL = 10 kΩ
±12 ±13.5
V
AVD
Large-signal differential
VO = ± 10 V
RL =2kΩ
25
°C
25
°C
25
200
V/mV
AVD
gg
voltage
VO = ± 10 V,
RL = 2 kΩ
0
°C to 70°C
–40
°C to 85°C
15
200
V/mV
ri
Input resistance
TJ = 25°C
1012
Ω
CMR
R
Common-mode rejection ratio
RS ≤ 10 kΩ
70
100
dB
kSVR
Supply-voltage rejection ratio
See Note 3
70
100
dB
ICC
Supply current
2
3.4
mA
† At least 90% of the devices meet this limit for
αVIO.
‡ Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive. Pulse techniques
must be used that will maintain the junction temperatures as close to the ambient temperature as possible.
NOTE 3: Supply-voltage rejection ratio is measured for both supply magnitudes increasing or decreasing simultaneously.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com