Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PT31301 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # PT31301
Description  POT23/11 ADSL Line Transformers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

PT31301 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  PT31301 Datasheet HTML 1Page - Datatronic Distribution, Inc. PT31301 Datasheet HTML 2Page - Datatronic Distribution, Inc. PT31301 Datasheet HTML 3Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
March 7, 2007
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
PT313 Series POT23/11 ADSL Line Transformers
For Alcatel, Globespan, Motorola and Analog Device Chipsets
Designed to meet ANSI and ETSI requirement
Excellent THD performance
Up to 100mA DC Current Capability
Operating Temperature –45 to +85
oC.
Custom Design for Other Pinouts and
Dimensions are available
Electrical Specification 1:
Part
Number
Chipset
Maker
Chipset
Application
T/R
Line:Chip
+/-3%
Line Side
Inductance
Leakage
Inductance
(uH
, Typ.)
Line Side
DCR
(
Ω, Max.)
Chip Side
DCR
(
Ω, Max.)
PT31301
Alcatel
MTK20140
CPE
1:1
440uH +/-5%
15
0.32
2.4
PT31302
Globespan
ADSL
CO
1:1.4
940uH +/-10%
10
2.4
2.4
PT31303
Globespan
ADSL
CPE
1:1
410uH +/-10%
10
1.6
1.6
Electrical Specification 2:
Part
Number
Schematic
THD
(dB Typ. @100
Ω)
Insertion Loss
(dB Typ.)
Longitudinal
Balance
(dB Typ.@100
Ω)
Hipot
(Vrms)
(Min.)
PT31301
1
-70dB @40kHz
3dB @40k-2MHz
40dB @25k-1MHz
2000
PT31302
2
-72dB @30kHz
3dB @40k-2MHz
40dB @25k-1MHz
1500
PT31303
2
-72dB @30kHz
3dB @40k-2MHz
40dB @25k-1MHz
1500
SCHEMATICS
Circuit 1
Circuit 2


Similar Part No. - PT31301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3100-24V TI-PT3100-24V Datasheet
180Kb / 3P
15 WATT 24V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
PT3100-24V TI1-PT3100-24V Datasheet
214Kb / 3P
No External Components Required
PT3100-24V TI1-PT3100-24V_08 Datasheet
214Kb / 3P
No External Components Required
PT3100-48V TI-PT3100-48V Datasheet
197Kb / 3P
15 WATT 48V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
PT3101 TI1-PT3101 Datasheet
214Kb / 3P
No External Components Required
More results

Similar Description - PT31301

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT534-1 BOURNS-PT534-1 Datasheet
170Kb / 1P
ADSL Line Transformers
PT539-1 BOURNS-PT539-1 Datasheet
201Kb / 1P
ADSL Line Transformers
PT541-1 BOURNS-PT541-1 Datasheet
201Kb / 1P
ADSL Line Transformers
logo
Datatronic Distribution...
PT31101 DATATRONICS-PT31101 Datasheet
99Kb / 3P
POT23/11 HDSL Broadband Transformers
PT534-1 DATATRONICS-PT534-1 Datasheet
89Kb / 1P
ADSL Line Transformers
SM531-1 DATATRONICS-SM531-1 Datasheet
119Kb / 1P
ADSL Line Transformers
SM535-1 DATATRONICS-SM535-1 Datasheet
103Kb / 1P
ADSL Line Transformers
SM537-1 DATATRONICS-SM537-1 Datasheet
104Kb / 1P
ADSL Line Transformers
SM540-1 DATATRONICS-SM540-1 Datasheet
121Kb / 1P
ADSL Line Transformers
logo
Pulse A Technitrol Comp...
B834 PULSE-B834 Datasheet
527Kb / 1P
ADSL Line Transformers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com