Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FLEX4 Datasheet(PDF) 3 Page - Gamewell-FCI by Honeywell

Part # FLEX4
Description  Conventional Fire Alarm Control Panels
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FLEX4 Datasheet(HTML) 3 Page - Gamewell-FCI by Honeywell

  FLEX4 Datasheet HTML 1Page - Gamewell-FCI by Honeywell FLEX4 Datasheet HTML 2Page - Gamewell-FCI by Honeywell FLEX4 Datasheet HTML 3Page - Gamewell-FCI by Honeywell FLEX4 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Flex 4 & Flex 8 Fire Alarm Control Panels
Primary Input Power:
102—132 VAC, 60 Hz, 4 Amp
Secondary Power:
Two 12-volt batteries (in series)
Battery Charging Capacity:
Up to 24 Amp hours max.
Initiating Device Circuits:
26 VDC, .003 A standby, 1.5Vp-p ripple, .050 A max. (alarm), power-limited
IDC Compatibility Identifier:
“GWC01”
Total Output Power:
6 Amp maximum
NAC Output Ratings:
24 VDC unfiltered, 1.7 Amp max. / circuit (5 Amp max.), power-limited
Auxiliary Power Output:
24 VDC unfiltered, .3 A max., power-limited
4-Wire Smoke Power:
28 VDC unfiltered, .100 A max., 1.5Vp-p ripple, resettable, power-limited
Current Consumption:
.110 A standby, .220A alarm
Main Circuit Board Fuse:
10 Amp
Auxiliary Relays:
Alarm, Trouble, Supervisory:
1 Amp resistive, 28VDC, Form-C
EIA-485 Connection:
Connects up to 3 RA8 Remote Annunciators
Trouble Indication Output:
Controls single RTI Remote Trouble Indicator
End-of-Line resistor (30177):
3.9 K-Ohm, 1/2 Watt, 5% with spade lugs—UL Listed
Flex 4 & Flex 8 Optional Modules
RA8—Remote Annunciator, 8-Zone:
Current Consumption:
.035 A standby, .090 A alarm
RTI—Remote Trouble Buzzer:
Current Consumption:
.035 A standby, .035 A alarm
DACT—Digital Alarm Communicator Transmitter:
Current Consumption:
.045 A standby, .120 A alarm
RY4—Relay Module, 4 Form-C:
Current Consumption:
.005 A standby, .160 A alarm 1 Amp resistive, 28 VDC
RY8—Relay Module, 8-Form-C:
Current Consumption:
.005 A standby, .160 A alarm 1 Amp resistive, 28 VDC
PRM—Polarity Reversal / City Tie Module:
Current Consumption:
.035 A standby, .3 A alarm Supervised City Tie: 24 VDC unfiltered, .210 A
max., 14 Ohms trip coil, NOT power-limited
Polarity Reversal:
24 VDC open, 12 VDC @ .003 A, .008 A max. (shorted), power-limited
CEM—Circuit Expander Module (Flex 4 only):
Current Consumption:
.045 A standby, .120 A alarm
Initiating Device Circuits:
22 VDC, .003 A standby, 1.5Vp-p ripple, .050 A max. (alarm), power- limited
IDC Compatibility Identifier:
“GWC01”
NAC Output Ratings:
24 VDC unfiltered, 1.7 Amp max. / circuit , power-limited
Cabinet Dimensions:
14” H x 14” W x 5” D
Battery Space:
Two 12 AH batteries max.
Relative Humidity:
93% non-condensing
Temperature Rating:
0°C - 49°C (32°F– 120°F)
CS-2081 Rev. 1201-3
The Flex 4 and Flex 8 can meet the following UL installation system designations (with indicated options selected):
•
Local, Auxiliary (using PRM),
•
Remote Station Protected Premises (using DACT or PRM),
•
Central Station Protected Premises (using DACT).
•
Type of Service / Signaling A, M, WF, SS (SS is only Local or with DACT)/Non-coded



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com