Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PT31303 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # PT31303
Description  POT23/11 ADSL Line Transformers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

PT31303 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  PT31303 Datasheet HTML 1Page - Datatronic Distribution, Inc. PT31303 Datasheet HTML 2Page - Datatronic Distribution, Inc. PT31303 Datasheet HTML 3Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
March 7, 2007
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
PT313 Series POT23/11 ADSL Line Transformers
For Alcatel, Globespan, Motorola and Analog Device Chipsets
•
Designed to meet ANSI and ETSI requirement
•
Excellent THD performance
•
Up to 100mA DC Current Capability
•
Operating Temperature –45 to +85
oC.
•
Custom Design for Other Pinouts and
•
Dimensions are available
Electrical Specification 1:
Part
Number
Chipset
Maker
Chipset
Application
T/R
Line:Chip
+/-3%
Line Side
Inductance
Leakage
Inductance
(uH
, Typ.)
Line Side
DCR
(
Ω, Max.)
Chip Side
DCR
(
Ω, Max.)
PT31301
Alcatel
MTK20140
CPE
1:1
440uH +/-5%
15
0.32
2.4
PT31302
Globespan
ADSL
CO
1:1.4
940uH +/-10%
10
2.4
2.4
PT31303
Globespan
ADSL
CPE
1:1
410uH +/-10%
10
1.6
1.6
Electrical Specification 2:
Part
Number
Schematic
THD
(dB Typ. @100
Ω)
Insertion Loss
(dB Typ.)
Longitudinal
Balance
(dB Typ.@100
Ω)
Hipot
(Vrms)
(Min.)
PT31301
1
-70dB @40kHz
3dB @40k-2MHz
40dB @25k-1MHz
2000
PT31302
2
-72dB @30kHz
3dB @40k-2MHz
40dB @25k-1MHz
1500
PT31303
2
-72dB @30kHz
3dB @40k-2MHz
40dB @25k-1MHz
1500
SCHEMATICS
Circuit 1
Circuit 2


Similar Part No. - PT31303

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3100-24V TI-PT3100-24V Datasheet
180Kb / 3P
15 WATT 24V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
PT3100-24V TI1-PT3100-24V Datasheet
214Kb / 3P
No External Components Required
PT3100-24V TI1-PT3100-24V_08 Datasheet
214Kb / 3P
No External Components Required
PT3100-48V TI-PT3100-48V Datasheet
197Kb / 3P
15 WATT 48V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
PT3101 TI1-PT3101 Datasheet
214Kb / 3P
No External Components Required
More results

Similar Description - PT31303

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT534-1 BOURNS-PT534-1 Datasheet
170Kb / 1P
ADSL Line Transformers
PT539-1 BOURNS-PT539-1 Datasheet
201Kb / 1P
ADSL Line Transformers
PT541-1 BOURNS-PT541-1 Datasheet
201Kb / 1P
ADSL Line Transformers
logo
Datatronic Distribution...
PT31101 DATATRONICS-PT31101 Datasheet
99Kb / 3P
POT23/11 HDSL Broadband Transformers
PT534-1 DATATRONICS-PT534-1 Datasheet
89Kb / 1P
ADSL Line Transformers
SM531-1 DATATRONICS-SM531-1 Datasheet
119Kb / 1P
ADSL Line Transformers
SM535-1 DATATRONICS-SM535-1 Datasheet
103Kb / 1P
ADSL Line Transformers
SM537-1 DATATRONICS-SM537-1 Datasheet
104Kb / 1P
ADSL Line Transformers
SM540-1 DATATRONICS-SM540-1 Datasheet
121Kb / 1P
ADSL Line Transformers
logo
Pulse A Technitrol Comp...
B834 PULSE-B834 Datasheet
527Kb / 1P
ADSL Line Transformers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com